Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB151S Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # DB151S
Description  SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

DB151S Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  DB151S Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd DB151S Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DB151S THRU DB157S
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
Voltage Range - 50 to 1000 Volts
Current - 1.5 Ampere
Case: Molded plastic body
Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
Polarity: Polarity symbols marked on case
Mounting Position: Any
Weight:0.02 ounce, 0.4 grams
FEATURES
MECHANICAL DATA
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
-55 to +150
-55 to +150
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
DB151S
1.5
NOTES:DBS for surface mount package.
Ideal for printed circuit board
Reliable low cost construction utilizing
molded plastic technique
High temperature soldering guaranteed:
250*/10 seconds / 0.375''(9.5mm)
led length at 5 lbs., (2.3kg)tension
Small size, simple installation
Leads solderable per MIL-STD-202,
Method 208
High surge current capability
Ratings at 25* ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load, For capacitive load derate current by 20%.
VOLTS
VOLTS
VOLTS
SYMBOLS
UNITS
Amps
Amps
Volts
VRRM
VRMS
VDC
IF(AV)
IFSM
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
at TA=40*
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage drop
per birdge element at 1.5A
Maximum DC reverse current
TA=25*
at rated DC blocking voltage
TA=125*
Operating temperature range
storage temperature range
TJ
TSTG
IR
VF
A
µ
1.1
DB152S DB153S DB154S DB155S DB156S DB157S
50
10
500
+
.047(1.20)
.040(1.02)
.205(5.2)
.195(5.0)
.130(3.30)
.120(3.05)
.335(8.51)
.320(8.13) 45
.404(10.3)
.386(9.80)
.255(6.5)
.245(6.2)
.060(1.53)
.040(1.02)
.013(0.33)
.0088(0.22)
.013(0.33)
.003(0.076)
DBS
A
µ
Catalog Number
C
C
Rev :
www.leiditech.com
01.06.2018
1/2


Similar Part No. - DB151S

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DB151S RECTRON-DB151S Datasheet
22Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
Dc Components
DB151S DCCOM-DB151S Datasheet
395Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Formosa MS
DB151S FORMOSA-DB151S Datasheet
64Kb / 2P
SINGLE PHASE 1.5 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
Galaxy Semi-Conductor H...
DB151S BILIN-DB151S Datasheet
74Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Rectron Semiconductor
DB151S RECTRON-DB151S Datasheet
31Kb / 3P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
More results

Similar Description - DB151S

ManufacturerPart #DatasheetDescription
logo
Surge Components
2W005 SURGE-2W005 Datasheet
410Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers
GBU4005 SURGE-GBU4005 Datasheet
470Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers
logo
Shenzhen Yixinwei Techn...
DB101S YIXIN-DB101S Datasheet
116Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
New Jersey Semi-Conduct...
GBPC15005 NJSEMI-GBPC15005 Datasheet
156Kb / 2P
GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
GBPC35005 NJSEMI-GBPC35005 Datasheet
165Kb / 2P
GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
logo
SiPower Inc.
ABS2F SIPOWER-ABS2F Datasheet
549Kb / 3P
Single Phase Glass Passivated Bridge Rectifiers
logo
Microdiode Semiconducto...
AB34S CHENDA-AB34S_V01 Datasheet
464Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
DF05S CHENDA-DF05S_V01 Datasheet
592Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
KBP2005 CHENDA-KBP2005_V01 Datasheet
559Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
MB2M CHENDA-MB2M_V01 Datasheet
556Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com