Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF540D Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # IRF540D
Description  N -Channel Power MOSFET (100V/27A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

IRF540D Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  IRF540D Datasheet HTML 1Page - First Silicon Co., Ltd IRF540D Datasheet HTML 2Page - First Silicon Co., Ltd IRF540D Datasheet HTML 3Page - First Silicon Co., Ltd IRF540D Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2019. 12. 23
1/4
SEMICONDUCTOR
TECHNICAL DATA
IRF540D
Revision No : 0
N-Channel Power MOSFET (100V/27A)
GENERAL DESCRIPTION
It uses advanced trench technology and design to provide
excellent RDS(ON) with low gate charge.
This device is suitable for high current load applications.
FEATURE
High current rating
Ultra lower RDS(on)
Good stability and uniformity with high EAS
Excellent package for good heat dissipation
APPLICATION
Power switching application
Load switching in high circuit application
DC/DC converters
Maximum ratings (Ta=25
℃ unless otherwise noted)
t
i
n
U
Value
Sumbol
PARAMETER
V
e
g
a
t
l
o
V
e
c
r
u
o
S
-
n
i
a
r
D
DS
100
V
e
g
a
t
l
o
V
e
c
r
u
o
S
-
e
t
a
G
GS
±20
V
Continuous Drain Current
ID
27
I
t
n
e
r
r
u
C
n
i
a
r
D
d
e
s
l
u
P
DM
50
A
E
)
1
e
t
o
n
(
y
g
r
e
n
E
e
h
c
n
a
l
a
v
A
d
e
s
l
u
P
e
l
g
n
i
S
AS
250
mJ
Thermal Resistance from Junction to Ambient
θJA
62.5
℃/W
T
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
J
150
T
ge
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
STG
-55 ~+150
Maximum lead temperure for soldering purposes ,
1/8”from case for 5 seconds
TL
260
℃
R
TO-252 (D-PAK)
DIM
MILLIMETERS
A
B
C
D
F
H
I
J
L
6 50 ± 0 2
5 60 ± 0 2
5 20 ± 0 2
1 50 ± 0 2
2 70 ± 0 2
2 30 ± 0 1
1 00 MAX
2 30 ± 0 2
0 5 ± 0 1
0 50 ± 0 10
E
1 6 ± 0 2
O
A
C
I
J
H
F
F
L
1
2
3
1 GATE
2 DRAIN
3 SOURCE
0 95 MAX
Q


Similar Part No. - IRF540D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IRF540 PHILIPS-IRF540 Datasheet
86Kb / 9P
N-channel TrenchMOS transistor
August 1999 Rev 1.100
logo
STMicroelectronics
IRF540 STMICROELECTRONICS-IRF540 Datasheet
53Kb / 6P
N - CHANNEL100V - 00.50ohm - 30A - TO-220/TO-220FI POWER MOSFET
Apr-1998
logo
Fairchild Semiconductor
IRF540 FAIRCHILD-IRF540 Datasheet
146Kb / 5P
N-Channel Power MOSFETs, 27 A, 60-100V
logo
International Rectifier
IRF540 IRF-IRF540 Datasheet
177Kb / 6P
HEXFET POWER MOSFET
logo
STMicroelectronics
IRF540 STMICROELECTRONICS-IRF540 Datasheet
311Kb / 8P
N-CHANNEL 100V - 0.055Ω - 22A TO-220 LOW GATE CHARGE STripFET™II POWER MOSFET
Feb-2003
More results

Similar Description - IRF540D

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF540 UTC-UF540 Datasheet
156Kb / 3P
27A, 100V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM70N10 TSC-TSM70N10 Datasheet
383Kb / 6P
100V N-Channel Power MOSFET
TSM85N10 TSC-TSM85N10 Datasheet
68Kb / 4P
100V N-Channel Power MOSFET
TSM35N10 TSC-TSM35N10 Datasheet
356Kb / 6P
100V N-Channel Power MOSFET
TSM160N10 TSC-TSM160N10 Datasheet
486Kb / 6P
100V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
15N10 DYELEC-15N10 Datasheet
1Mb / 8P
100V N-Channel Power MOSFET
logo
First Silicon Co., Ltd
IRF540I FS-IRF540I Datasheet
1Mb / 4P
N -Channel Power MOSFET (100V/27A)
IRF540F FS-IRF540F Datasheet
1Mb / 4P
N -Channel Power MOSFET (100V/27A)
IRF540 FS-IRF540 Datasheet
1Mb / 4P
N -Channel Power MOSFET (100V/27A)
logo
Guangdong Youtai Semico...
STD10NF10 UMW-STD10NF10 Datasheet
616Kb / 5P
100V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com