Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AF30 Datasheet(PDF) 6 Page - 3M Electronics

Part # AF30
Description  3m Scotch-WeldTM Structural Adhesive Film
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF30 Datasheet(HTML) 6 Page - 3M Electronics

Back Button AF30 Datasheet HTML 2Page - 3M Electronics AF30 Datasheet HTML 3Page - 3M Electronics AF30 Datasheet HTML 4Page - 3M Electronics AF30 Datasheet HTML 5Page - 3M Electronics AF30 Datasheet HTML 6Page - 3M Electronics AF30 Datasheet HTML 7Page - 3M Electronics AF30 Datasheet HTML 8Page - 3M Electronics AF30 Datasheet HTML 9Page - 3M Electronics AF30 Datasheet HTML 10Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Scotch-WeldTM
Structural Adhesive Film
AF 30 (5, 10 and 12 mil)
- 6 -
MMM-A-132 Type I
Scotch-Weld AF 30
Class 2 & 3
(12 mil)
Requirement
with
Test Condition
Min. Ave.
Scotch-Weld EC-1660
A. Tensile Shear
psi
(MPa)
psi
(MPa)
1. Normal Temperature, 75°F (24°C)
2500
(17.2)
4000
(27.6)
2. 10 minutes @ 180°F (82°C)
1250
(8.6)
2400
(16.5)
3. 10 minutes @ -67°F (-55°C)
2500
(17.2)
4100
(28.2)
4. Normal Temperature 75°F (24°C) after 30 days immersion
2250
(15.5)
3950
(27.2)
in Salt Water Spray
5. Normal Temperature 75°F (24°C) after 30 days immersion
2250
(15.5)
4000
(27.6)
@ 120°F (49°C) and 95-100% Relative Humidity
6. Normal Temperature, 75°F (24°C) after 30 days immersion
2250
(15.5)
4030
(27.8)
in Tap Water
7. Normal Temperature, 75°F (24°C) after 7 days immersion
2250
(15.5)
3970
(27.4)
in JP-4 Fuel (MIL-T-5624)
8. Normal Temperature, 75°F (24°C) after 7 days immersion
2250
(15.5)
4090
(28.2)
in Anti-icing Fluid (MIL-F-5566)
9. Normal Temperature, 75°F (24°C) after 7 days immersion
2250
(15.5)
4000
(27.6)
in Hydraulic Oil (MIL-H-5606)
10. Normal Temperature, 75°F (24°C) after 7 days immersion
2250
(15.5)
4050
(27.9)
in Type III Hydrocarbon Fluid (MIL-S-3136)
MMM-A-132 TEST DATA – 3M™ Scotch-Weld™ Structural Adhesive Film AF 30 (12 mil)/
3M™ Scotch-Weld™ Structural Adhesive Primer EC-1660
The following is a summary and a list of average test results for the structural adhesive system Scotch-Weld AF 30
(12 mil) with Scotch-Weld EC-1660 when bonded specimens were prepared and tested in accordance with
Specification MMM-A-132, Type 1 Class 2.
B. Creep Rupture
11. Normal Temperature, 75°F (24°C) 192 hrs @ 1600 psi
0.015 inches (.381 mm)
0.003 inches (.076 mm)
(11.0 MPa)
max. deformation
12. 180°F (82°C), 192 hrs @ 800 psi (5.5 MPa)
0.015 inches (.381 mm)
0.008 inches (.203 mm)
max. deformation
C. Fatigue
13. Normal Temperature, 75°F (24°C) 750 psi (5.2 MPa) @
No glue line
No glue line
106 cycles
failure
failure
D. Other Tests
14. Normal Temperature, 75°F (24°C) T-Peel
Class 2: 15 piw
35 piw
(67 N/25 mm)
(155.7 N/25 mm)
Class 3:none
15. Tensile Shear, 75°F (24°C) Blister Detection
Class 2: 2250 psi
3520 psi
(6 MPa)
(24.3 MPa)
Class 3:none
Product Performance
(continued)
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com