Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AF30 Datasheet(PDF) 1 Page - 3M Electronics

Part # AF30
Description  3m Scotch-WeldTM Structural Adhesive Film
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF30 Datasheet(HTML) 1 Page - 3M Electronics

  AF30 Datasheet HTML 1Page - 3M Electronics AF30 Datasheet HTML 2Page - 3M Electronics AF30 Datasheet HTML 3Page - 3M Electronics AF30 Datasheet HTML 4Page - 3M Electronics AF30 Datasheet HTML 5Page - 3M Electronics AF30 Datasheet HTML 6Page - 3M Electronics AF30 Datasheet HTML 7Page - 3M Electronics AF30 Datasheet HTML 8Page - 3M Electronics AF30 Datasheet HTML 9Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
3
Scotch-WeldTM
Structural Adhesive Film
AF 30 (5, 10 and 12 mil)
Introduction
3M™ Scotch-Weld™ Structural Adhesive Film AF 30 is an unsupported, thermosetting
film adhesive developed for structural bonding of metals and high strength plastic
laminates (epoxy and phenolic). Some of the advantages of Scotch-Weld AF 30 are:
• High shear strength.
• High peel strength.
• Excellent flexibility and toughness.
• Can be pressure, heat or solvent tacked in position.
• Excellent retention of strength after aging in many environments.
• Excellent adhesion to most metals including aluminum, titanium, stainless steel,
cadmium, nickel, brass and others (Must use high pressure).
• Extremely low flow.
Technical Data
June, 2002
Description
5 mil
10 mil
12 mil
Form:
Flexible unsupported film, protected by suitable liner
Color:
Light Brown
Light Brown
Light Brown
Nominal Caliper:1
.005" (.127 mm)
.010" (.254 mm)
.012" (.305 mm)
Weight: (lbs./sq. ft.)
.023-.035
.0500-.0630
.063-.075
(113-172 g/m2)
(245-309 g/m2)
(309-368 g/m2)
Volatile Content:2
Less than 6.0%
Less than 6.0%
Less than 6.0%
Shrinkage:3
3% maximum
5% maximum
5% maximum
1. Nominal (cured).
2. 2-4 grams sample cured 1 hour @ 350°F (177°C).
3. 24 hours at 75°F (24°C) in a horizontal position.
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.


Similar Part No. - AF30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AF30 ETC2-AF30 Datasheet
85Kb / 1P
CPRIIRNCTEUDI TCI RICMUPITR BIMOA횋RD
logo
ABB
AF30-30-00-11 ABB-AF30-30-00-11 Datasheet
55Kb / 3P
AF30-30-00-11 24-60V50/60HZ 20-60VDC Contactor
AF30-30-00-12 ABB-AF30-30-00-12 Datasheet
55Kb / 3P
AF30-30-00-12 48-130V50/60HZ-DC Contactor
AF30-30-00-13 ABB-AF30-30-00-13 Datasheet
55Kb / 3P
AF30-30-00-13 100-250V50/60HZ-DC Contactor
AF30-30-00-14 ABB-AF30-30-00-14 Datasheet
55Kb / 3P
AF30-30-00-14 250-500V50/60HZ-DC Contactor
More results

Similar Description - AF30

ManufacturerPart #DatasheetDescription
logo
3M Electronics
EC-3924B 3M-EC-3924B Datasheet
43Kb / 4P
3M Scotch-WeldTM Structural Adhesive Primer
EC-3917 3M-EC-3917 Datasheet
28Kb / 6P
3M Scotch-WeldTM Structural Adhesive Primer
EC-1648 3M-EC-1648 Datasheet
20Kb / 4P
3M Scotch-WeldTM Structural Adhesive
AF191 3M-AF191 Datasheet
140Kb / 12P
3M Scotch-WeldTM Structural Adhesive Film
AF163-2 3M-AF163-2 Datasheet
355Kb / 21P
3M Scotch-WeldTM Structural Adhesive Film
AF3185 3M-AF3185 Datasheet
20Kb / 4P
Scotch-WeldTM Structural Adhesive Film
AF3109-2 3M-AF3109-2 Datasheet
54Kb / 8P
Scotch-WeldTM Structural Adhesive Film
AF126 3M-AF126 Datasheet
51Kb / 15P
Scotch-WeldTM Structural Adhesive Film
AF32 3M-AF32 Datasheet
36Kb / 8P
3M Scotch-WeldTM Structural Adhesive Film
AF31 3M-AF31 Datasheet
80Kb / 15P
3M Scotch-WeldTM Structural Adhesive Film
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com