Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XCSDM480102 Datasheet(PDF) 1 Page - Schneider Electric

Part # XCSDM480102
Description  coded magnetic system XCSDM4 - SIL 3 - 2 PNP outputs - cable 2m
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XCSDM480102 Datasheet(HTML) 1 Page - Schneider Electric

  XCSDM480102 Datasheet HTML 1Page - Schneider Electric XCSDM480102 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Feb 8, 2021
1
Product data sheet
Characteristics
XCSDM480102
coded magnetic system XCSDM4 - SIL 3 - 2
PNP outputs - cable 2m
Product Life Status :
COMMERCIALIZED
TODAY
FEB 08, 2021
End of Commercialization
MAY 31, 2021
.
Main
Range of product
Preventa Safety detection
Product or component
type
Coded magnetic system
Component name
XCSDM4
Design
Rectangular
Size
100 x 34 x 32 mm
Contacts type and
composition
1 NO + 1 NO
Material
Plastic
Electrical connection
Pre-cabled
Cable composition
8 x 0.25 mm
Cable length
2 m
Ohmic cable resistance
180 mOhm
Local signalling
Green, orange and red 1 LED
Approach directions
9 directions
[Ue] rated operational
voltage
24 V DC (- 20...10 %)
[Ui] rated insulation
voltage
36 V DC
Product Life Status :
COMMERCIALIZED
FEB 08, 2021
End of Commercialization
MAY 31, 2021
Complementary
Cable outer diameter
6.1 mm
Type of output stage
Solid-state, PNP
Safety outputs
2 outputs 1.5 A, 24 V, DC
Alarm output
1 solid-state output, 0.5 A, 24 V, DC, PNP
[Sa] assured operating distance
10 mm
[Sar] assured tripping distance
20 mm
Minimum actuation speed
0.01 m/s
[Uimp] rated impulse withstand voltage
2.5 kV EN/IEC 60947-5-1
Protection type
Overload and short-circuit protection
Switching frequency
3 Hz
Time delay
100 ms activation
Discordance time
2 s
[HFT] Hardware Fault Tolerance
1


Similar Part No. - XCSDM480102

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XCSDM480105 SCHNEIDER-XCSDM480105 Datasheet
104Kb / 3P
coded magnetic system XCSDM4 - SIL 3 - 2 PNP outputs - cable 5m
MAY 31, 2021
More results

Similar Description - XCSDM480102

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XCSDM3791M12 SCHNEIDER-XCSDM3791M12 Datasheet
98Kb / 2P
coded magnetic system XCSDM3 - SIL 2 - 2 PNP outputs - connector
MAY 31, 2021
XCSDM4801M12 SCHNEIDER-XCSDM4801M12 Datasheet
98Kb / 2P
coded magnetic system XCSDM4 - SIL 3 - 2 PNP outputs - connector
MAY 31, 2021
XCSDM379102 SCHNEIDER-XCSDM379102 Datasheet
104Kb / 3P
coded magnetic system XCSDM3 - SIL 2 - 2 PNP outputs - cable 2m
MAY 31, 2021
XCSDM379105 SCHNEIDER-XCSDM379105 Datasheet
104Kb / 3P
coded magnetic system XCSDM3 - SIL 2 - 2 PNP outputs - cable 5m
MAY 31, 2021
XCSDM379110 SCHNEIDER-XCSDM379110 Datasheet
102Kb / 2P
coded magnetic system XCSDM3 - SIL 2 - 2 PNP outputs - cable 10m
FEB 08, 2021
XCSDM480105 SCHNEIDER-XCSDM480105 Datasheet
104Kb / 3P
coded magnetic system XCSDM4 - SIL 3 - 2 PNP outputs - cable 5m
MAY 31, 2021
XCSDM480110 SCHNEIDER-XCSDM480110 Datasheet
103Kb / 2P
coded magnetic system XCSDM4 - SIL 3 - 2 PNP outputs - cable 10m
MAY 31, 2021
XCSDMC7912 SCHNEIDER-XCSDMC7912 Datasheet
94Kb / 2P
coded magnetic switch XCSDMC - 2 NC - staggered - 2m
Feb 8, 2021
XCSDMP7902 SCHNEIDER-XCSDMP7902 Datasheet
79Kb / 2P
coded magnetic switch XCSDMP - 2 NC - staggered - 2m
Feb 8, 2021
XCSDMP7912 SCHNEIDER-XCSDMP7912 Datasheet
92Kb / 2P
coded magnetic switch XCSDMP - 2 NC - staggered - 2m
Feb 8, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com