Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GLS89SA032G2 Datasheet(PDF) 1 Page - Greenliant systems

Part # GLS89SA032G2
Description  Industrial Temp SATA 2.5 ArmourDrive MX Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLIANT [Greenliant systems]
Direct Link  https://www.greenliant.com/
Logo GREENLIANT - Greenliant systems

GLS89SA032G2 Datasheet(HTML) 1 Page - Greenliant systems

  GLS89SA032G2 Datasheet HTML 1Page - Greenliant systems GLS89SA032G2 Datasheet HTML 2Page - Greenliant systems GLS89SA032G2 Datasheet HTML 3Page - Greenliant systems GLS89SA032G2 Datasheet HTML 4Page - Greenliant systems GLS89SA032G2 Datasheet HTML 5Page - Greenliant systems GLS89SA032G2 Datasheet HTML 6Page - Greenliant systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Preliminary Factsheet 00.100
January 2020
These specifications are subject to change without notice.
01/10/2020
© 2020 Greenliant
1
S71491-01
GLS FS0019 Rev. 00
GLS89SA032G2 / 064G2 / 128G2
Industrial Temp SATA 2.5” ArmourDrive™ MX Series
Features
• Industry Standard SATA Host Interface
–
SATA 1.5Gb/s, 3Gb/s and 6Gb/s
–
SATA Revision 3.2
–
ATA/ATAPI-8 compliant
–
Supports 48-bit address feature set
–
Native Command Queuing (NCQ)
up to 32 commands
• Performance
–
Sequential data read: Up to 410 MB/s
–
Sequential data write: Up to 115 MB/s
(measured using 128KB transfer size)
• Power Management
–
5V power supply
–
Host initialized power management (HIPM)
–
Device initialized power management (DIPM)
• Power Consumption
–
Active mode:
–
128GB: Up to 2860mW
–
64GB: Up to 1980mW
–
32GB: Up to 1540mW
–
Idle / Standby mode: <355mW
–
DevSleep mode: <70mW
• Reliability
–
Mean Time Between Failures (MTBF):
2 million hours*
• Expanded Data Protection
–
Added data security through user-selectable
protection zones
–
Secure Erase (data sanitization)
• 20-Byte Serial Number
–
Factory pre-programmed unique ID
–
User-programmable 10-Byte ID
• Supports TRIM and SMART Commands
• Robust Built-in ECC
• Thermal Throttling
• NAND Configuration
–
2 bits per cell (3D MLC NAND)
• Endurance
–
Program/Erase (P/E) Cycles: 5K
• Operating Temperature Range
–
Industrial: -40°C to 85°C
• 2.5-inch Form Factor
–
100mm x 69.85mm x 7.00mm
• All Devices are RoHS Compliant
*Estimate based on preliminary component reliability data
Product Description
The GLS89SA032G2 / 064G2 / 128G2 Industrial
Temperature SATA 2.5” ArmourDrive™ MX Series
(referred to as “2.5” ArmourDrive” in this factsheet) are
high-reliability solid state drives. They include a 32, 64
or 128 GByte SATA NANDrive™ in a standard 2.5-
inch form factor housing.
2.5” ArmourDrive is ideal for applications that require
hot-swappable and reliable data storage. 2.5” SATA
solid state storage technology is widely used in
servers, laptops, network-attached storage, industrial
computers,
navigation
systems,
test
and
measurement instrumentation, multi-function printers,
security and surveillance equipment, digital signage
and networking systems. These removable solid state
drives (SSDs) surpass traditional hard disk drives
(HDDs) in their security, reliability, ruggedness and
low power consumption.
The NAND flash controller with built-in advanced
NAND management firmware communicates with the
host through the standard SATA protocol. It does not
require any additional or proprietary software such as
the Flash File System (FFS) and Memory Technology
Driver (MTD). The firmware effectively optimizes the
use of NAND flash memory’s program/erase (P/E)
cycles and minimizes write amplification.
2.5” ArmourDrive is pre-programmed with a 10-Byte
unique serial ID and has the option of programming
an additional 10-Byte serial ID for even greater
system security.
2.5” ArmourDrive’s advanced NAND management
technology improves
endurance,
enhances
data
security and helps prevent data corruption during
unexpected power failure events. This innovative
technology combines robust NAND flash controller
hardware error correction capabilities with advanced
wear-leveling algorithms and bad block management
to improve data reliability and significantly extend the
life of the product.


Similar Part No. - GLS89SA032G2

ManufacturerPart #DatasheetDescription
logo
Greenliant systems
GLS89SA032G1 GREENLIANT-GLS89SA032G1 Datasheet
128Kb / 6P
Industrial Grade SATA 2.5 ArmourDrive EX Series
GLS89SA032G8 GREENLIANT-GLS89SA032G8 Datasheet
128Kb / 6P
Industrial Grade SATA 2.5 ArmourDrive EX Series
GLS89SA032G9 GREENLIANT-GLS89SA032G9 Datasheet
127Kb / 6P
Industrial Grade SATA 2.5 ArmourDrive EX Series
More results

Similar Description - GLS89SA032G2

ManufacturerPart #DatasheetDescription
logo
Greenliant systems
GLS91CA016G2 GREENLIANT-GLS91CA016G2 Datasheet
115Kb / 6P
Industrial Temp CFast ArmourDrive MX Series
GLS89SQ240G3 GREENLIANT-GLS89SQ240G3 Datasheet
130Kb / 6P
Industrial Temp SATA 2.5 ArmourDrive PX Series
GLS89SQ128G3 GREENLIANT-GLS89SQ128G3 Datasheet
100Kb / 6P
Commercial Temp SATA 2.5 ArmourDrive PX Series
GLS89SP032G3 GREENLIANT-GLS89SP032G3 Datasheet
526Kb / 6P
Industrial Temp 2.5 SATA ArmourDrive PX Series
GLS89SAXXXG1 GREENLIANT-GLS89SAXXXG1 Datasheet
128Kb / 6P
Industrial Grade SATA 2.5 ArmourDrive EX Series
GLS89SA016G9 GREENLIANT-GLS89SA016G9 Datasheet
127Kb / 6P
Industrial Grade SATA 2.5 ArmourDrive EX Series
GLS87DPXXXX3 GREENLIANT-GLS87DPXXXX3 Datasheet
326Kb / 9P
Industrial / Commercial Temp SATA M.2 ArmourDrive
GLS87CA016G2 GREENLIANT-GLS87CA016G2 Datasheet
171Kb / 6P
Industrial Temp M.2 2242 ArmourDrive MX Series
GLS87BQ240G3 GREENLIANT-GLS87BQ240G3 Datasheet
173Kb / 6P
Industrial Temp SATA M.2 2280 ArmourDrive
GLS86FC016G2 GREENLIANT-GLS86FC016G2 Datasheet
430Kb / 6P
Industrial Temp mSATA ArmourDrive MX Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com