Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F6513 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F6513
Description  8-Ch Tx Active Beamforming IC 13.75 ??17.3 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F6513 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F6513 Datasheet HTML 1Page - Renesas Technology Corp F6513 Datasheet HTML 2Page - Renesas Technology Corp F6513 Datasheet HTML 3Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
8-Ch Tx Active Beamforming IC
13.75 – 17.3 GHz
F6513
Short-Form Datasheet
© 2020 Renesas Electronics Corporation
1
March 13, 2020
Description
The F6513 is an 8-channel transmit active beamforming RFIC
designed for application in Ku-Band planar phased array antennas
for communications or radar applications. The IC has a single
common RF input port and eight output channels. The eight
independently controlled output channels can drive eight single-
polarized elements or four dual-polarized elements of an
electronically scanned array (ESA). Each channel has 6 bits of
digital phase control covering 360° and 25dB of gain control with a
minimum step size of 0.2dB, enabling precise beam pattern and
polarization control.
Operating from a single supply of 2.1 - 2.5V, the RFIC has 23dB of
nominal small signal gain with a typical P1dB of 12.5dBm per
channel. The device is highly efficient and features a low power
standby mode as well as independent enable controls on every
channel. The F6513’s SPI bus and control pins operate from
standard 1.8V logic at speeds up to 50MHz. Advanced digital
modes and large on-chip memory allow for < 100ns beam position
switching times at the array level, greatly reducing dead time and
latency.
Finally, the compact and CTE-matched FC-BGA organic package
with all single-ended 50ohm matched RF ports greatly simplifies
the physical integration of the F6513 onto large antenna panels.
Typical Applications
Phased array antennas
Ku-band SATCOM terminals
Common Data Link (CDL) terminals
Ku-band radar
Aerospace and maritime
Instrumentation
Features
13.75 – 17.3GHz operation
Supports 4 dual-pol elements or 8 single-pol
360° phase control with 6-bit resolution
25dB gain control with 0.2dB minimum step
23dB small signal gain
12.5dBm output P1dB
2.3V nominal single supply input
Standard 1.8V digital logic
Temperature compensation
Temperature sensor with digital readout
Advanced digital modes with fast beam steering
On-chip beam-state memory
3.8 × 4.6 × 0.9 mm, 62-pin FC-BGA package
Block Diagram


Similar Part No. - F6513

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
F6501 ITF-F6501 Datasheet
183Kb / 8P
SAW Bandpass Filter F6501
logo
Integrated Device Techn...
F6501 IDT-F6501 Datasheet
284Kb / 2P
Ku-Band SATCOM Transmitter IC
F6501AVGK IDT-F6501AVGK Datasheet
284Kb / 2P
Ku-Band SATCOM Transmitter IC
F6501AVGK8 IDT-F6501AVGK8 Datasheet
284Kb / 2P
Ku-Band SATCOM Transmitter IC
F6501EVB IDT-F6501EVB Datasheet
284Kb / 2P
Ku-Band SATCOM Transmitter IC
More results

Similar Description - F6513

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EIC1314-8 EXCELICS-EIC1314-8 Datasheet
216Kb / 4P
13.75-14.5 GHz 8-Watt Internally Matched Power FET
logo
Renesas Technology Corp
F6121 RENESAS-F6121 Datasheet
251Kb / 3P
Dual-beam Rx Active Beamforming IC 10.7 ??12.75 GHz
F6521 RENESAS-F6521 Datasheet
131Kb / 3P
8-Ch Tx Active Beamforming IC 13.75 ??14.5 GHz
F6522 RENESAS-F6522 Datasheet
131Kb / 3P
8-Ch Tx Active Beamforming IC 27.5 ??31.0 GHz
F6923 RENESAS-F6923 Datasheet
127Kb / 3P
Dual-Channel Low Noise Amplifier 13.75 ??17.3 GHz
F6121 RENESAS-F6121_V01 Datasheet
189Kb / 3P
Dual-beam Rx Active Beamforming IC 10.7–12.75 GHz
May 26, 2021
F6122 RENESAS-F6122 Datasheet
244Kb / 3P
Dual-beam Rx Active Beamforming IC 17.7GHz – 21.2GHz
Nov 16, 2021
F6123 RENESAS-F6123 Datasheet
257Kb / 3P
Dual-beam Rx Active Beamforming IC 14.4 – 17.3 GHz
June 4, 2020
F6212 RENESAS-F6212 Datasheet
261Kb / 3P
Dual-Beam Rx Active Beamforming IC 17.7 – 21.2 GHz
June 4, 2020
logo
Peregrine Semiconductor
PE188200 PSEMI-PE188200 Datasheet
105Kb / 2P
8-channel Beamforming Front End, 26.5–29.5 GHz
12/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com