Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STY0A12AS Datasheet(PDF) 1 Page - Seoul Semiconductor

Part # STY0A12AS
Description  Applicable for automotive interior light
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STY0A12AS Datasheet(HTML) 1 Page - Seoul Semiconductor

  STY0A12AS Datasheet HTML 1Page - Seoul Semiconductor STY0A12AS Datasheet HTML 2Page - Seoul Semiconductor STY0A12AS Datasheet HTML 3Page - Seoul Semiconductor STY0A12AS Datasheet HTML 4Page - Seoul Semiconductor STY0A12AS Datasheet HTML 5Page - Seoul Semiconductor STY0A12AS Datasheet HTML 6Page - Seoul Semiconductor STY0A12AS Datasheet HTML 7Page - Seoul Semiconductor STY0A12AS Datasheet HTML 8Page - Seoul Semiconductor STY0A12AS Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Product Data Sheet
Product Brief
Description
제품사진
•아래규격에 부합하는 이미지만 가능: 없을 경우 마케팅
팀에 의뢰
•고해상도
•흰 배경
•표준크기: 제품이 가득 차게 가로 5cm 규격 으로
사각 위치에 맞게 (가로세로 비율 고정)
Key Applications
Features and Benefits
Key Message:
- ex) Enabling high flux systems while reduces LED count
- ex) Enabling compact systems with high reliability
- ex) High reliability and High quality of light
- ex) Flicker-free AC/DC LED Solution
- ex) High-efficient Dimming Solution
Product Family:
- ex) Mid-Power LED
- ex) High-Power LED for Automotive
- ex) Chip on Board
Product ID (part number):
- ex) STW8C2SA
- ex) SZ5-M0-WN-C8
Description
•
Features and Benefits
•
Key Applications
•
•표는 반드시
“Table 번호#. 표 설명” 을 제목으로 한다.
www.seoulsemicon.com
1
HY2T801-S - 801 Series Yellow
Rev2.3, July 2019
Applicable for automotive interior light
HY2T801-S / STY0A12AS
801 Series Yellow
•
This White Colored surface-mount LED
comes in standard package dimension.
Package Size: 3.5x2.8x1.9mm
•
It has a substrate made up of a molded
plastic reflector sitting on top of a lead
frame.
•
The die is attached within the reflector
cavity and the cavity is encapsulated by
silicone.
•
The package design coupled with
careful selection of component
materials allow these products to
perform with high reliability.
•
White PLCC2 High Yellow Color
•
ESD min 2kV
•
MSL 2a Level
•
Viewing angle 120
˚
•
AEC-Q101 Qualified
•
RoHS compliant
•
Interior automotive
•
Electronic sign and signals
•
Electrical Equipment, Home appliance
TV, PC, NB,
MNT, Mobile
Automotive
Lighting, MR16, PAR,
down light
Bulb, LFT
Outdoor, streetlight,
tunnel, parking
Home appliance
Architectural,
Entertainment
Sign, Channel
Sensor, Torch
Application 응용제품 아이콘 삽입
AEC-Q101
RoHS


Similar Part No. - STY0A12AS

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
STY0G16A SEOUL-STY0G16A Datasheet
838Kb / 25P
Applicable for automotive exterior light
STY0G16AB SEOUL-STY0G16AB Datasheet
873Kb / 24P
Applicable for automotive exterior light
More results

Similar Description - STY0A12AS

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
EBT801-S SEOUL-EBT801-S Datasheet
872Kb / 25P
Applicable for automotive interior light
ELWT801-S05 SEOUL-ELWT801-S05 Datasheet
894Kb / 26P
Applicable for automotive interior light
EMIBT809-S SEOUL-EMIBT809-S Datasheet
939Kb / 27P
Applicable for automotive interior light
LWT801-S SEOUL-LWT801-S Datasheet
893Kb / 26P
Applicable for automotive interior light
EWT801-SM SEOUL-EWT801-SM Datasheet
947Kb / 26P
Applicable for automotive interior light
STG0A12CE SEOUL-STG0A12CE Datasheet
869Kb / 25P
Applicable for automotive interior light
LAT801-S SEOUL-LAT801-S Datasheet
827Kb / 23P
Applicable for automotive interior light
HRT801-SB SEOUL-HRT801-SB Datasheet
825Kb / 24P
Applicable for automotive interior light
ELWT809-SM SEOUL-ELWT809-SM Datasheet
941Kb / 25P
Applicable for automotive interior light
ELWT809-S SEOUL-ELWT809-S Datasheet
896Kb / 25P
Applicable for automotive interior light
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com