Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STY0A12AS Datasheet(PDF) 3 Page - Seoul Semiconductor

Part # STY0A12AS
Description  Applicable for automotive interior light
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STY0A12AS Datasheet(HTML) 3 Page - Seoul Semiconductor

  STY0A12AS Datasheet HTML 1Page - Seoul Semiconductor STY0A12AS Datasheet HTML 2Page - Seoul Semiconductor STY0A12AS Datasheet HTML 3Page - Seoul Semiconductor STY0A12AS Datasheet HTML 4Page - Seoul Semiconductor STY0A12AS Datasheet HTML 5Page - Seoul Semiconductor STY0A12AS Datasheet HTML 6Page - Seoul Semiconductor STY0A12AS Datasheet HTML 7Page - Seoul Semiconductor STY0A12AS Datasheet HTML 8Page - Seoul Semiconductor STY0A12AS Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
www.seoulsemicon.com
Product Data Sheet
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
3
글씨체는 : Arial, 10pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
HY2T801-S - 801 Series Yellow
Rev2.3, July 2019
Performance Characteristics
 전기적 특성 및 광 특성 스펙 테이블
Table 1. Electro Optical Characteristics, I
F = 10mA, Tj = 25ºC, RH30%
(1) Tolerance : VF :±0.1V, IV :±10%, W
d :±0.5nm
(2) The luminous intensity IV was measured at the peak of the spatial pattern which may not be
aligned with the mechanical axis of the LED package.
(3) Θ
1/2 is the off-axis where the luminous intensity is 1/2 of the peak intensity
(4) Thermal resistance = Rth JA : Junction/ambient , Rth JS : Junction/solder point
Pad design for improved heat dissipation : Cu-area > Cu 16mm2 per pad, FR4, t=1.6mm
(5) Not designed for reverse operation
Notes :
Parameter
Symbol
Value
Unit
Min
Typ
Max
Forward Voltage [1]
V
F
1.6
1.9
2.2
V
Reverse Voltage
V
R
(I
R=5mA)
0.9
1.2
V
Luminous Intensity [2] [1]
I
V
280
355
560
mcd
Luminous Flux
Φ
V
1065
mlm
Dominant Wavelength [1]
W
d
584
589
593
nm
Peak Wavelength
W
p
592
-
Viewing Angle [3]
2θ
1/2
120
deg.
Optical Efficiency
η
op
44.2
lm/W
Thermal resistance [4]
Rth JA
360
℃ / W
Rth JS
180
℃ / W
Temperature coefficient of V
F
-10℃
≤ T ≤ 100 ℃
TC
v
-1.96
mV/℃
Temperature coefficient of W
d
-10℃
≤ T ≤ 100 ℃
TC
wd
0.11
nm/℃
Luminous Intensity Phi V / IV
∂Ω
3.0
3.1
lm/cd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com