Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F6922 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F6922
Description  Dual-Channel Low Noise Amplifier 17.7 ??21.2 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F6922 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F6922 Datasheet HTML 1Page - Renesas Technology Corp F6922 Datasheet HTML 2Page - Renesas Technology Corp F6922 Datasheet HTML 3Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dual-Channel Low Noise Amplifier
17.7 – 21.2 GHz
F6922
Short-Form Datasheet
© 2020 Renesas Electronics Corporation
1
March 5, 2020
Description
The F6922 is an ultra-low power consumption, dual-channel, low
noise amplifier (LNA) RFIC designed for application in Ka-Band
SATCOM planar phased array antennas. The exceptional
combination of low power consumption, low noise, high gain, and
compact size, maximizes the antenna array G/T while minimizing
overall system power dissipation. An externally supplied reference
bias current is used to trade LNA power consumption against P1dB
and gain, completely shut off (idle) the amplifier during operation or
for gain compensation versus temperature.
The LNA is supplied in a compact 23-pin, 0.5mm pitch BGA
package with 50Ω matched single-ended RF inputs and outputs for
ease of integration onto phased array antenna panels.
Typical Applications
Phased array antennas
Ka-band SATCOM terminals
Aerospace and maritime
Instrumentation
Features
17.7 – 21.2GHz operation
Two independent gain/phase-matched channels
19dB typical gain
-3dBm typical output P1dB
20mW power consumption
Supply voltage: 0.95 – 1.05V
2.7 × 2.7 × 0.9 mm, 23-pin FC-BGA package
-40°C to 85°C ambient operating temperature range
Block Diagram


Similar Part No. - F6922

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F6922 RENESAS-F6922 Datasheet
1Mb / 16P
Dual-Channel Low Noise Amplifier 17.7 – 21.2 GHz
Jun 25, 2021
F6922AVRI RENESAS-F6922AVRI Datasheet
1Mb / 16P
Dual-Channel Low Noise Amplifier 17.7 – 21.2 GHz
Jun 25, 2021
F6922AVRI8 RENESAS-F6922AVRI8 Datasheet
1Mb / 16P
Dual-Channel Low Noise Amplifier 17.7 – 21.2 GHz
Jun 25, 2021
F6922EVB RENESAS-F6922EVB Datasheet
1Mb / 16P
Dual-Channel Low Noise Amplifier 17.7 – 21.2 GHz
Jun 25, 2021
F6922 RENESAS-F6922_V01 Datasheet
1Mb / 16P
Dual-Channel Low Noise Amplifier 17.7 – 21.2 GHz
Jun 25, 2021
More results

Similar Description - F6922

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AMMC-5023 HP-AMMC-5023 Datasheet
215Kb / 9P
23 GHz Low Noise Amplifier (21.2-26.5 GHz)
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5033 AVAGO-AMMC-5033 Datasheet
398Kb / 9P
17.7 - 32 GHz Power Amplifier
AMMC-5023 AVAGO-AMMC-5023 Datasheet
271Kb / 9P
23 GHz Low Noise Amplifier (21.2-26.5 GHz)
logo
Renesas Technology Corp
F6921 RENESAS-F6921 Datasheet
128Kb / 3P
Dual-Channel Low Noise Amplifier 10.7 ??12.75 GHz
F6923 RENESAS-F6923 Datasheet
127Kb / 3P
Dual-Channel Low Noise Amplifier 13.75 ??17.3 GHz
logo
Broadcom Corporation.
AMMC-5033 BOARDCOM-AMMC-5033 Datasheet
371Kb / 9P
17.7 - 32 GHz Power Amplifier
AMMC-5023 BOARDCOM-AMMC-5023 Datasheet
283Kb / 9P
23 GHz Low Noise Amplifier (21.2??6.5 GHz)
logo
Renesas Technology Corp
F6212 RENESAS-F6212 Datasheet
261Kb / 3P
Dual-Beam Rx Active Beamforming IC 17.7 – 21.2 GHz
June 4, 2020
F6921 RENESAS-F6921_V01 Datasheet
887Kb / 17P
Dual-Channel Low Noise Amplifier 10.7 – 12.75 GHz
Apr 8, 2021
F6922 RENESAS-F6922_V01 Datasheet
1Mb / 16P
Dual-Channel Low Noise Amplifier 17.7 – 21.2 GHz
Jun 25, 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com