Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20N331K Datasheet(PDF) 4 Page - HuaXinAn Electronics CO.,LTD

Part # 20N331K
Description  Metal Oxide Varistors Data Sheet
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

20N331K Datasheet(HTML) 4 Page - HuaXinAn Electronics CO.,LTD

  20N331K Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD 20N331K Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD 20N331K Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD 20N331K Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD 20N331K Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Electrical Characteristics
Part Number
Maximum
Allowable Voltage
Varistor
Voltage
Maximu
m
Clampin
g Voltage
Max Surge
Current
8/20μs
Maximum Energy
10/1000μs
Rated
Power
Typical
Capacitance
(Reference)
VAC(V) VDC(V)
V1mA(V)
VC(V)
1time
2time
s
10/1000μs
2ms
w
@1KHz(pf)
AT 100A
20M/E/N180K
11
14
18(15.3~20.7)
36
3000A 2000A
13J
10J
0.2
28500
20M/E/N220K
14
18
22(19.8~24.2)
43
3000A 2000A
16J
12J
0.2
18500
20M/E/N270K
17
22
27(24.3~29.7)
53
3000A 2000A
19J
14J
0.2
13000
20M/E/N330K
20
26
33(29.7~36.3)
65
3000A 2000A
24J
18J
0.2
11500
20M/E/N390K
25
31
39(35.1~42.9)
77
3000A 2000A
28J
21J
0.2
8500
20M/E/N470K
30
38
47(42.3~51.7)
93
5000A 3000A
34J
25J
0.2
7400
20M/E/N560K
35
45
56(50.4~61.6)
100
5000A 3000A
41J
30J
0.2
6500
20M/E/N680K
40
56
68(61.2~74.8)
135
5000A 3000A
49J
37J
0.2
5800
20M/E/N820K
50
65
82(73.8~90.2)
135
6500A 4500A
56J
42J
1.0
2400
20M/E/N101K
60
85
100(90~110)
165
6500A 4500A
70J
52J
1.0
2000
20M/E/N121K
75
100
120(108~132)
200
6500A 4500A
85J
63J
1.0
1700
20M/E/N151K
95
125
150(135~165)
250
10000A 8000A
100J
70J
1.0
1300
20M/E/N181K
115
150
180(162~198)
300
10000A 8000A
110J
80J
1.0
1100
20M/E/N201K
130
170
200(180~220)
340
10000A 8000A
140J
100J
1.0
1000
20M/E/N221K
140
180
220(198~242)
360
10000A 8000A
155J
110J
1.0
900
20M/E/N241K
150
200
240(216~264)
395
10000A 8000A
170J
120J
1.0
830
20M/E/N271K
175
225
270(243~297)
455
10000A 8000A
190J
135J
1.0
740
20M/E/N301K
190
250
300(270~330)
500
10000A 8000A
205J
145J
1.0
670
20M/E/N331K
210
275
330(297~363)
550
10000A 8000A
215J
150J
1.0
610
20M/E/N361K
230
300
360(324~396)
595
10000A 8000A
225J
160J
1.0
560
20M/E/N391K
250
320
390(351~429)
650
10000A 8000A
240J
170J
1.0
510
20M/E/N431K
275
350
430(387~473)
710
10000A 8000A
270J
190J
1.0
460
20M/E/N471K
300
385
470(423~517)
775
10000A 8000A
350J
250J
1.0
430
20M/E/N511K
320
415
510(459~561)
845
10000A 8000A
380J
270J
1.0
390
20M/E/N561K
350
460
560(504~616)
925
10000A 8000A
400J
280J
1.0
360
20M/E/N621K
385
505
620(558~682)
1025
10000A 8000A
425J
300J
1.0
320
20M/E/N681K
420
560
680(612~748)
1120
10000A 8000A
435J
310J
1.0
290
20M/E/N751K
460
615
750(675~825)
1240
10000A 8000A
455J
327J
1.0
270
20M/E/N781K
485
640
780(702~858)
1290
10000A 8000A
461J
335J
1.0
260
20M/E/N821K
510
670
820(738~902)
1355
10000A 8000A
475J
344J
1.0
240
20M/E/N911K
550
745
910(819~1001)
1500
10000A 8000A
500J
350J
1.0
220
20M/E/N102K
625
825 1000(900~1100)
1650
10000A 8000A
560J
400J
1.0
200
20M/E/N112K
680
895 1100(990~1210)
1815
10000A 8000A
610J
430J
1.0
180
20M/E/N122K
750
990 1200(1080~1320)
1980
10000A 8000A
650J
460J
1.0
150
Specifications are subject to change without notice
4
Email: sales@huaandz.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com