Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20N331K Datasheet(PDF) 1 Page - HuaXinAn Electronics CO.,LTD

Part # 20N331K
Description  Metal Oxide Varistors Data Sheet
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

20N331K Datasheet(HTML) 1 Page - HuaXinAn Electronics CO.,LTD

  20N331K Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD 20N331K Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD 20N331K Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD 20N331K Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD 20N331K Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TMOV 20M(E,N)Series
Metal Oxide Varistors Data Sheet
Features
·TMOV integrated thermal protection device
·High peak surge current rating up to 10KA
·Designed to facilitate compliance to UL1449 for TVSS products
·Wide operating voltage (V1mA) range from 18V to 1200V
·Rated current: 15A
·Rated Functioning Temperature:136(℃)
·Fast responding to transient over-voltage and limited current
·Large absorbing transient energy capability
·Low clamping ratio and no follow-on current
·Meets MSL level 1, per J-STD-020
·Operating Temperature:-40℃ ~ +85℃
·Storage Temperature:-40℃ ~ +85℃
Applications
·AC power line or AC/DC supplies
·Transistor, diode, IC, thyristor or triac semiconductor protection
·Surge protection in consumer electronics
·Surge protection in industrial electronics
·Surge protection in electronic home appliances, gas and petroleum appliances
·AC panel protection Modules
Description of Part Number
VDR - 20 M/E/N 471 K
Brand Mark
Varistor Voltage Tolerance: K= ±10%
Nominal Varistor Voltage: 471=470V
DIFFERENT INTERNAL STRUCTURE
DISC DIAMETER 20= Φ20MM
Delivery Time
Specifications are subject to change without notice
1
Tel: +86-755-27465585
HUAAN LIMITED
www.huaandz.com
Email: sales@huaandz.com
TMOV Part number
Delivery Time
Packing Quantity
VDR-20M/E/N180K ~ VDR-20M/E/N122K
24days
100PCS


Similar Part No. - 20N331K

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
20N3600 IVO-20N3600 Datasheet
90Kb / 1P
Capacitive proximity sensors
logo
VBsemi Electronics Co.,...
20N3L VBSEMI-20N3L Datasheet
959Kb / 8P
N-Channel 30-V (D-S) MOSFET
20N3LG VBSEMI-20N3LG Datasheet
959Kb / 8P
N-Channel 30-V (D-S) MOSFET
More results

Similar Description - 20N331K

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
Metal Oxide Varistors
logo
MDE Semiconductor, Inc.
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
Metal Oxide Varistors
logo
Ruilongyuan Electronics...
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
Metal Oxide Varistors
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
Metal Oxide Varistors
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
METAL OXIDE VARISTORS
logo
HuaXinAn Electronics CO...
25M151K HUAXINAN-25M151K Datasheet
320Kb / 5P
Metal Oxide Varistors Data Sheet
14M820K HUAXINAN-14M820K Datasheet
324Kb / 5P
Metal Oxide Varistors Data Sheet
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com