Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6441 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # AM6441
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6441 Datasheet(HTML) 39 Page - Texas Instruments

Back Button AM6441 Datasheet HTML 35Page - Texas Instruments AM6441 Datasheet HTML 36Page - Texas Instruments AM6441 Datasheet HTML 37Page - Texas Instruments AM6441 Datasheet HTML 38Page - Texas Instruments AM6441 Datasheet HTML 39Page - Texas Instruments AM6441 Datasheet HTML 40Page - Texas Instruments AM6441 Datasheet HTML 41Page - Texas Instruments AM6441 Datasheet HTML 42Page - Texas Instruments AM6441 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 237 page
background image
Table 6-1. Pin Attributes (ALV Package) (continued)
BALL NUMBER
BALL NAME
SIGNAL NAME
MUX
MODE
TYPE
DSIS
BALL
RESET
STATE
BALL
RESET
REL.
STATE
BALL
RESET
REL.
MUXMODE
I/O
VOLTAGE
VALUE
POWER
HYS
BUFFER
TYPE
PULL UP/
DOWN
TYPE
RXACTIVE
/
TXDISABL
E
Y7
PRG1_PRU0_GPO0
PRG1_PRU0_GPO0
0
IO
0
OFF
7
1.8 V/3.3 V VDDSHV2
Yes
LVCMOS
PU/PD
0/1
PRG1_PRU0_GPI0
1
I
0
0/1
PRG1_RGMII1_RD0
2
I
0
0/1
PRG1_PWM3_A0
3
IO
0
0/1
GPIO0_45
7
IO
pad
0/1
GPMC0_AD16
8
IO
0
0/1
U8
PRG1_PRU0_GPO1
PRG1_PRU0_GPO1
0
IO
0
OFF
7
1.8 V/3.3 V VDDSHV2
Yes
LVCMOS
PU/PD
0/1
PRG1_PRU0_GPI1
1
I
0
0/1
PRG1_RGMII1_RD1
2
I
0
0/1
PRG1_PWM3_B0
3
IO
1
0/1
GPIO0_46
7
IO
pad
0/1
GPMC0_AD17
8
IO
0
0/1
W8
PRG1_PRU0_GPO2
PRG1_PRU0_GPO2
0
IO
0
OFF
7
1.8 V/3.3 V VDDSHV2
Yes
LVCMOS
PU/PD
0/1
PRG1_PRU0_GPI2
1
I
0
0/1
PRG1_RGMII1_RD2
2
I
0
0/1
PRG1_PWM2_A0
3
IO
0
0/1
GPIO0_47
7
IO
pad
0/1
GPMC0_AD18
8
IO
0
0/1
V8
PRG1_PRU0_GPO3
PRG1_PRU0_GPO3
0
IO
0
OFF
7
1.8 V/3.3 V VDDSHV2
Yes
LVCMOS
PU/PD
0/1
PRG1_PRU0_GPI3
1
I
0
0/1
PRG1_RGMII1_RD3
2
I
0
0/1
PRG1_PWM3_A2
3
IO
0
0/1
GPIO0_48
7
IO
pad
0/1
GPMC0_AD19
8
IO
0
0/1
Y8
PRG1_PRU0_GPO4
PRG1_PRU0_GPO4
0
IO
0
OFF
7
1.8 V/3.3 V VDDSHV2
Yes
LVCMOS
PU/PD
0/1
PRG1_PRU0_GPI4
1
I
0
0/1
PRG1_RGMII1_RX_CTL
2
I
0
0/1
PRG1_PWM2_B0
3
IO
1
0/1
GPIO0_49
7
IO
pad
0/1
GPMC0_AD20
8
IO
0
0/1
V13
PRG1_PRU0_GPO5
PRG1_PRU0_GPO5
0
IO
0
OFF
7
1.8 V/3.3 V VDDSHV2
Yes
LVCMOS
PU/PD
0/1
PRG1_PRU0_GPI5
1
I
0
0/1
PRG1_PWM3_B2
3
IO
1
0/1
RGMII1_RX_CTL
4
I
0
0/1
GPIO0_50
7
IO
pad
0/1
GPMC0_AD21
8
IO
0
0/1
www.ti.com
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com