Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6441 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # AM6441
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6441 Datasheet(HTML) 29 Page - Texas Instruments

Back Button AM6441 Datasheet HTML 25Page - Texas Instruments AM6441 Datasheet HTML 26Page - Texas Instruments AM6441 Datasheet HTML 27Page - Texas Instruments AM6441 Datasheet HTML 28Page - Texas Instruments AM6441 Datasheet HTML 29Page - Texas Instruments AM6441 Datasheet HTML 30Page - Texas Instruments AM6441 Datasheet HTML 31Page - Texas Instruments AM6441 Datasheet HTML 32Page - Texas Instruments AM6441 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 237 page
background image
Table 6-1. Pin Attributes (ALV Package) (continued)
BALL NUMBER
BALL NAME
SIGNAL NAME
MUX
MODE
TYPE
DSIS
BALL
RESET
STATE
BALL
RESET
REL.
STATE
BALL
RESET
REL.
MUXMODE
I/O
VOLTAGE
VALUE
POWER
HYS
BUFFER
TYPE
PULL UP/
DOWN
TYPE
RXACTIVE
/
TXDISABL
E
N21
OSPI0_LBCLKO
OSPI0_LBCLKO
0
IO
0
OFF
7
1.8 V/3.3 V VDDSHV4
Yes
LVCMOS
PU/PD
1/1
GPIO0_1
7
IO
pad
1/1
L19
OSPI0_CSn0
OSPI0_CSn0
0
O
OFF
7
1.8 V/3.3 V VDDSHV4
Yes
LVCMOS
PU/PD
0/1
GPIO0_11
7
IO
pad
0/1
L18
OSPI0_CSn1
OSPI0_CSn1
0
O
OFF
7
1.8 V/3.3 V VDDSHV4
Yes
LVCMOS
PU/PD
0/1
GPIO0_12
7
IO
pad
0/1
K17
OSPI0_CSn2
OSPI0_CSn2
0
O
OFF
7
1.8 V/3.3 V VDDSHV4
Yes
LVCMOS
PU/PD
0/1
OSPI0_RESET_OUT1
2
O
0/1
GPIO0_13
7
IO
pad
0/1
L17
OSPI0_CSn3
OSPI0_CSn3
0
O
OFF
7
1.8 V/3.3 V VDDSHV4
Yes
LVCMOS
PU/PD
0/1
OSPI0_RESET_OUT0
1
O
0/1
OSPI0_ECC_FAIL
2
I
1
0/1
GPIO0_14
7
IO
pad
0/1
M19
OSPI0_D0
OSPI0_D0
0
IO
0
OFF
7
1.8 V/3.3 V VDDSHV4
Yes
LVCMOS
PU/PD
0/1
GPIO0_3
7
IO
pad
0/1
M18
OSPI0_D1
OSPI0_D1
0
IO
0
OFF
7
1.8 V/3.3 V VDDSHV4
Yes
LVCMOS
PU/PD
0/1
GPIO0_4
7
IO
pad
0/1
M20
OSPI0_D2
OSPI0_D2
0
IO
0
OFF
7
1.8 V/3.3 V VDDSHV4
Yes
LVCMOS
PU/PD
0/1
GPIO0_5
7
IO
pad
0/1
M21
OSPI0_D3
OSPI0_D3
0
IO
0
OFF
7
1.8 V/3.3 V VDDSHV4
Yes
LVCMOS
PU/PD
0/1
GPIO0_6
7
IO
pad
0/1
P21
OSPI0_D4
OSPI0_D4
0
IO
0
OFF
7
1.8 V/3.3 V VDDSHV4
Yes
LVCMOS
PU/PD
0/1
GPIO0_7
7
IO
pad
0/1
P20
OSPI0_D5
OSPI0_D5
0
IO
0
OFF
7
1.8 V/3.3 V VDDSHV4
Yes
LVCMOS
PU/PD
0/1
GPIO0_8
7
IO
pad
0/1
N18
OSPI0_D6
OSPI0_D6
0
IO
0
OFF
7
1.8 V/3.3 V VDDSHV4
Yes
LVCMOS
PU/PD
0/1
GPIO0_9
7
IO
pad
0/1
M17
OSPI0_D7
OSPI0_D7
0
IO
0
OFF
7
1.8 V/3.3 V VDDSHV4
Yes
LVCMOS
PU/PD
0/1
GPIO0_10
7
IO
pad
0/1
E17
PORz_OUT
PORz_OUT
0
O
PD
0
1.8 V/3.3 V VDDSHV0
Yes
LVCMOS
PU/PD
0/0
P3
PRG0_MDIO0_MDC
PRG0_MDIO0_MDC
0
O
OFF
7
1.8 V/3.3 V VDDSHV1
Yes
LVCMOS
PU/PD
0/1
GPIO1_41
7
IO
pad
0/1
GPMC0_A13
9
OZ
0/1
P2
PRG0_MDIO0_MDIO
PRG0_MDIO0_MDIO
0
IO
0
OFF
7
1.8 V/3.3 V VDDSHV1
Yes
LVCMOS
PU/PD
0/1
GPIO1_40
7
IO
pad
0/1
GPMC0_A12
9
OZ
0/1
www.ti.com
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com