Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD34CNFLFNOP2 Datasheet(PDF) 3 Page - Carlo Gavazzi Holding AG

Part # CD34CNFLFNOP2
Description  Capacitive sensor, Foreground Suppression
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

CD34CNFLFNOP2 Datasheet(HTML) 3 Page - Carlo Gavazzi Holding AG

  CD34CNFLFNOP2 Datasheet HTML 1Page - Carlo Gavazzi Holding AG CD34CNFLFNOP2 Datasheet HTML 2Page - Carlo Gavazzi Holding AG CD34CNFLFNOP2 Datasheet HTML 3Page - Carlo Gavazzi Holding AG CD34CNFLFNOP2 Datasheet HTML 4Page - Carlo Gavazzi Holding AG CD34CNFLFNOP2 Datasheet HTML 5Page - Carlo Gavazzi Holding AG CD34CNFLFNOP2 Datasheet HTML 6Page - Carlo Gavazzi Holding AG CD34CNFLFNOP2 Datasheet HTML 7Page - Carlo Gavazzi Holding AG CD34CNFLFNOP2 Datasheet HTML 8Page - Carlo Gavazzi Holding AG CD34CNFLFNOP2 Datasheet HTML 9Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Carlo Gavazzi Industri A/S
CD34CNFLFxxx
CD34CNFLFxxx ENG
03/08/2020
Structure
A
B
C
E
A
B
C
E
D
E
Fig. 1 Cable
Fig. 2 Pigtail
Fig. 3 Sensing surface
Element
Component
Function
A
LED
Green LED: Power ON
B
LED
Yellow LED: Output
C
2 M3
Fixing holes for sensor mounting
D
Sensing surface
E
Recessed area for cable strips, max. 5 mm wide
Sensing
Accuracy
Temperature drift
Factory settings
≤ 20% (-25°C... +80°C)
Manual teach
≤ 20% (-25°C... +60°C)
Detection
Pipes diameter
Min. Ø 8 mm
Out of the box:
wall thickness
Plastic 0.5 - 6 mm (non-conductive plastic wall)
Glass 0.5 - 4 mm (non-conductive glass wall)
With manual setup:
wall thickness
Up to 10 mm plastic wall (best case)
Up to 10 mm glass wall (best case)
Detection liquids
Water-based liquids such as water, milk, syrup, honey, milkshakes, lubricates, acids,
alkaline fluids, body fluids and other high-conductive liquids (up to 50 mS)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com