Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD34CNFLFNOP2 Datasheet(PDF) 7 Page - Carlo Gavazzi Holding AG

Part # CD34CNFLFNOP2
Description  Capacitive sensor, Foreground Suppression
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

CD34CNFLFNOP2 Datasheet(HTML) 7 Page - Carlo Gavazzi Holding AG

  CD34CNFLFNOP2 Datasheet HTML 1Page - Carlo Gavazzi Holding AG CD34CNFLFNOP2 Datasheet HTML 2Page - Carlo Gavazzi Holding AG CD34CNFLFNOP2 Datasheet HTML 3Page - Carlo Gavazzi Holding AG CD34CNFLFNOP2 Datasheet HTML 4Page - Carlo Gavazzi Holding AG CD34CNFLFNOP2 Datasheet HTML 5Page - Carlo Gavazzi Holding AG CD34CNFLFNOP2 Datasheet HTML 6Page - Carlo Gavazzi Holding AG CD34CNFLFNOP2 Datasheet HTML 7Page - Carlo Gavazzi Holding AG CD34CNFLFNOP2 Datasheet HTML 8Page - Carlo Gavazzi Holding AG CD34CNFLFNOP2 Datasheet HTML 9Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
Carlo Gavazzi Industri A/S
CD34CNFLFxxx
CD34CNFLFxxx ENG
03/08/2020
Mechanics/electronics
Connection
Cable
2 m, 4-wire 4 x 0.14 mm2, Ø = 3.4 mm, PVC
Pigtail
0.3 m, M8, 4-pin, male
Wiring
I
<100mA
LOAD
-
+
1BN
3BU
2WH
4BK
I
<100mA
LOAD
-
+
1BN
3BU
4BK
2WH
Fig. 4 PNP NO
Fig. 5 NPN NO
I
<100mA
LOAD
-
+
1BN
3BU
2WH
4BK
I
<100mA
LOAD
-
+
1BN
3BU
4BK
2WH
Fig. 6 PNP NC
Fig. 7 NPN NC
NOTE: White wire connected to GND (3BU) wire when not in use
BN
WH
BK
BU
Brown
White
Black
Blue
Housing
Body
PC/PBT
Mounting bracket
PC/PBT
Light guides
Polyamid TR55, Transparent
Pigtail
Black TPU (Thermoplastic polyurethane), Stainless steel AISI 304
Dimensions
8 x 16 x 34 mm
Weight
≤ 60 g
Cable version
≤ 30 g
Pigtail version
Tightening torque, Sensor
0.2 Nm
Tightening torque, Mounting bracket
0.2 Nm
Screw size
M3 (with lowered head)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com