Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4372CDD Datasheet(PDF) 7 Page - Analog Devices

Part # LTC4372CDD
Description  Low Quiescent Current Ideal Diode Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4372CDD Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC4372CDD Datasheet HTML 3Page - Analog Devices LTC4372CDD Datasheet HTML 4Page - Analog Devices LTC4372CDD Datasheet HTML 5Page - Analog Devices LTC4372CDD Datasheet HTML 6Page - Analog Devices LTC4372CDD Datasheet HTML 7Page - Analog Devices LTC4372CDD Datasheet HTML 8Page - Analog Devices LTC4372CDD Datasheet HTML 9Page - Analog Devices LTC4372CDD Datasheet HTML 10Page - Analog Devices LTC4372CDD Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC4372/LTC4373
7
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
Exposed Pad (DD Package Only) : Exposed pad may be
left open or connected to device ground.
GATE: MOSFET Gate Drive Output. The LTC4372/LTC4373
control the gate of the MOSFET to maintain the voltage
drop between 0mV to 30mV using a pulsed control
method. If reverse current flows, a fast pull-down cir-
cuit connects GATE to SOURCE within 0.5μs, turning off
the MOSFET.
GND: Device Ground.
IN: Voltage Sense and Supply Voltage. IN is the anode of
the ideal diode. The voltage sensed at this pin is used to
control the MOSFET gate for forward voltage regulation
and reverse current turn-off. The positive supply input
ranges from 2.5V to 80V for normal operation. It can go
below GND by up to 28V during a reverse battery condi-
tion without damaging the part.
INTVCC: Internal 3V Supply Decoupling Output. Connect
a 0.1μF or larger capacitor to this pin. An external load of
less than 10µA can be connected at this pin.
OUT: MOSFET Drain Voltage Sense. OUT is the cathode
of the ideal diode and the common output when multiple
LTC4372/LTC4373’s are configured as an ideal diode-OR.
It connects to the drain of the N-channel MOSFET. The
voltage sensed at this pin is used to control the MOSFET
gate for forward voltage regulation and reverse current
turn-off. OUT is used as the supply to hold the MOSFET
off when IN is not available (below UVLO). Connect a 10µF
or larger capacitor to this pin.
SHDN (LTC4372): Shutdown Control Input. The LTC4372
can be shut down to a low current mode by pulling SHDN
above 1.215V. Connect to GND if unused.
SOURCE: MOSFET Source Connection. SOURCE is the
return path of the GATE fast pull-down. Connect this
pin as close as possible to the source of the external
N-channel MOSFET.
2UPU (LTC4372): 2μA Pull-Up Output. This pin has a
2μA pull-up to INTVCC. It can be connected to SHDN to
facilitate on/off control of the LTC4372 by a microcontrol-
ler’s open-drain output. If unused, leave open or connect
to INTVCC.
UVOUT (LTC4373): UV Status Output. Open Drain output
that pulls low when UV goes below 1.191V (VUV) and goes
high impedance when UV exceeds 1.191V. UVOUT can be
used to adjust hysteresis for the UV monitor. This pin may
be left open or connected to GND if unused.
UV (LTC4373): Undervoltage Detection Input. The
LTC4373 goes into a low current shutdown mode when
UV is below 1.191V. Connect to INTVCC if unused.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com