Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4372CDD Datasheet(PDF) 1 Page - Analog Devices

Part # LTC4372CDD
Description  Low Quiescent Current Ideal Diode Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4372CDD Datasheet(HTML) 1 Page - Analog Devices

  LTC4372CDD Datasheet HTML 1Page - Analog Devices LTC4372CDD Datasheet HTML 2Page - Analog Devices LTC4372CDD Datasheet HTML 3Page - Analog Devices LTC4372CDD Datasheet HTML 4Page - Analog Devices LTC4372CDD Datasheet HTML 5Page - Analog Devices LTC4372CDD Datasheet HTML 6Page - Analog Devices LTC4372CDD Datasheet HTML 7Page - Analog Devices LTC4372CDD Datasheet HTML 8Page - Analog Devices LTC4372CDD Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC4372/LTC4373
1
Rev. 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Low Quiescent Current Ideal Diode Controller
The LTC®4372/LTC4373 are positive high voltage ideal
diode controllers that drive an external N-channel
MOSFET to replace a Schottky diode. They control the
forward voltage drop across the MOSFET to ensure cur-
rent delivery or current transfer from one path to the other
even at light loads.
A 5µA operating current achieves high efficiency for inter-
mittent load applications or always-on backup power sup-
plies. If a power source fails or is shorted, a fast turn-
off minimizes reverse current transients. The LTC4372/
LTC4373 control back-to-back N-channel MOSFETs for
inrush current control and load switching.
The LTC4372 shutdown function reduces the quiescent
current to 0.5µA. The LTC4373 has a UV pin for undervolt-
age monitoring while the UVOUT pin provides hysteresis
adjustment and status information. During undervoltage,
the back-to-back MOSFETs are cut off and quiescent cur-
rent reduces to 0.5μA.
12V, 20A Reverse Battery Protection
Power Dissipation vs Load Current
APPLICATIONS
n
Reduces Power Dissipation by Replacing a Power
Schottky Diode
n
Low Quiescent Current: 5µA Operating, 0.5µA
Shutdown
n
Wide Operating Voltage Range: 2.5V to 80V
n
Reverse Supply Protection to –28V
n
High Side External N-Channel MOSFET Drive
n
Drives Back-to-Back MOSFETs for Inrush Control and
Load Switching
n
Fast Reverse Current Turn-Off within 1.5µs
n
8-Lead MSOP and 3mm × 3mm DFN Packages
n
Automotive Battery Protection
n
Redundant Power Supplies
n
Portable Instrumentation
n
Solar Powered Systems
n
Energy Harvesting Applications
n
Supply Holdup
All registered trademarks and trademarks are the property of their respective owners.
CURRENT (A)
0
4
8
6
20
43723 TA01b
2
0
5
10
15
10
SCHOTTKY DIODE (SBG2040CT)
POWER
SAVED
MOSFET (BSC026N08NS5)
LTC4372
SHDN
GND
OUT
GATE
= 12V
SOURCE
IN
2UPU
INTVCC
43723 TA01a
VOUT
12V
20A
VIN
BSC026N08NS5
10F
100nF


Similar Part No. - LTC4372CDD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC4372 AD-LTC4372 Datasheet
1Mb / 14P
18V, 12A Ideal Diode
LTC4372 AD-LTC4372 Datasheet
1Mb / 14P
40V, 7A Ideal Diode
More results

Similar Description - LTC4372CDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4352 LINER-LTC4352 Datasheet
199Kb / 16P
Low Voltage Ideal Diode Controller with Monitoring
LTC4352CDDPBF LINER-LTC4352CDDPBF Datasheet
228Kb / 16P
Low Voltage Ideal Diode Controller with Monitoring
LT4320 LINER-LT4320_15 Datasheet
960Kb / 14P
Ideal Diode Bridge Controller
LT4320-1 LINER-LT4320-1_15 Datasheet
960Kb / 14P
Ideal Diode Bridge Controller
LTC4352 LINER-LTC4352_15 Datasheet
228Kb / 16P
Low Voltage Ideal Diode Controller with Monitoring
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7311-OR1 AVAGO-ACPM-7311-OR1 Datasheet
672Kb / 16P
Low quiescent current
ACPM-7331-OR1 AVAGO-ACPM-7331-OR1 Datasheet
803Kb / 16P
Low quiescent current
logo
STMicroelectronics
L5150BN STMICROELECTRONICS-L5150BN Datasheet
457Kb / 20P
Low quiescent current
03-Jun-2015
logo
Texas Instruments
LM74700-EP TI-LM74700-EP Datasheet
2Mb / 32P
LM74700-EP Low IQ Ideal Diode Controller
SNOSDD6 ??SEPTEMBER 2021
logo
ON Semiconductor
NCV68061 ONSEMI-NCV68061 Datasheet
221Kb / 13P
Ideal Diode NMOS Controller
October, 2021 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com