Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMGP-6445 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # AMGP-6445
Description  40.5 ??43.5 GHz SMT Packaged Linear Power Amplifi er
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AMGP-6445 Datasheet(HTML) 1 Page - Broadcom Corporation.

  AMGP-6445 Datasheet HTML 1Page - Broadcom Corporation. AMGP-6445 Datasheet HTML 2Page - Broadcom Corporation. AMGP-6445 Datasheet HTML 3Page - Broadcom Corporation. AMGP-6445 Datasheet HTML 4Page - Broadcom Corporation. AMGP-6445 Datasheet HTML 5Page - Broadcom Corporation. AMGP-6445 Datasheet HTML 6Page - Broadcom Corporation. AMGP-6445 Datasheet HTML 7Page - Broadcom Corporation. AMGP-6445 Datasheet HTML 8Page - Broadcom Corporation. AMGP-6445 Datasheet HTML 9Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AMGP-6445
40.5 – 43.5 GHz SMT Packaged Linear Power Amplifier
Data Sheet
Description
The AMGP-6445 is a linear power amplifier in a surface
mount package designed for use in transmitters that
operate at frequencies between 40.5 GHz and 43.5 GHz. In
the operational frequency band, it provides 27dBm of
output power (P-1 dB) and 19 dB of small-signal gain. This
PA is designed for high linearity applications, and the PA
shows more than +31 dBm OIP3 at 18 dBm/tone output
power.
Functional Block Diagram
Features
 5 x 5 mm surface mount package
 RF frequency range from 40.5 to 43.5 GHz
 Gain: 19 dB Typical
 Output P1dB : +27.5 dBm Typical
 Output IP3: +31 dBm Typical
 50  Input and Output Match
 ESD protection all ports above 50 V MM and 250 V HBM
 Integrated temperature compensated power detector
 Vdd/Id: 5 V/700 mA
 40° C to +85° C operation
Application
 Microwave Radio Systems
Package Diagram
Attention: Observe Precautions for
handling electrostatic sensitive devices.
ESD Machine Model: 50V
ESD Human Body Model: 250V
Refer to Avago Application Note A004R:
Electrostatic Discharge Damage and Control.
Pin
Function
1Vd1
2Vd2
3
DET_O
4
RF_OUT
5
DET_R
6Vg2
7Vg1
8
RF_IN
8
1
2
3
4
5
6
7
10 K
8
1
2
3
4
5
6
7
RF_IN
RF_OUT
Vd1
Vd2
DET_OUT
DET_REF
Vg2
Vg1
Note: MSL Rating = Level 2A


Similar Part No. - AMGP-6445

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMGP-6445 AVAGO-AMGP-6445 Datasheet
146Kb / 9P
ESD protection all ports above 50 V MM and 250 V HBM
AMGP-6445-BLKG AVAGO-AMGP-6445-BLKG Datasheet
146Kb / 9P
ESD protection all ports above 50 V MM and 250 V HBM
AMGP-6445-TR1G AVAGO-AMGP-6445-TR1G Datasheet
146Kb / 9P
ESD protection all ports above 50 V MM and 250 V HBM
AMGP-6445-TR2G AVAGO-AMGP-6445-TR2G Datasheet
146Kb / 9P
ESD protection all ports above 50 V MM and 250 V HBM
More results

Similar Description - AMGP-6445

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4543 TRIQUINT-TGA4543 Datasheet
1Mb / 13P
40.5 - 43.5 GHz Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6421 AVAGO-AMMP-6421 Datasheet
311Kb / 10P
13-16 GHz 1W Power Amplifi er in SMT Package
logo
TriQuint Semiconductor
TGA4543 TRIQUINT-TGA4543_15 Datasheet
1Mb / 13P
40.5 to 43.5 GHz Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6441 AVAGO-AMMP-6441 Datasheet
263Kb / 9P
36-40 GHz, 0.4W Power Amplifi er in SMT Package
logo
Broadcom Corporation.
MGA-53543 BOARDCOM-MGA-53543 Datasheet
147Kb / 14P
50 MHz to 6 GHz High Linear Amplifi er
DEMO-MGA-5X BOARDCOM-DEMO-MGA-5X Datasheet
147Kb / 14P
50 MHz to 6 GHz High Linear Amplifi er
AMGP-6551 BOARDCOM-AMGP-6551 Datasheet
639Kb / 8P
40.5 ??43.5 GHz SMT Packaged Up-Converter
AMGP-6342 BOARDCOM-AMGP-6342 Datasheet
147Kb / 7P
40.5 ??43.5 GHz SMT Packaged Variable Gain Amplifi er
AMMP-6441 BOARDCOM-AMMP-6441 Datasheet
263Kb / 9P
36 - 40 GHz, 0.4W Power Amplifi er in SMT Package
AMMP-6421 BOARDCOM-AMMP-6421 Datasheet
311Kb / 10P
13-16 GHz 1W Power Amplifi er in SMT Package
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com