Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMGP-6445 Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # AMGP-6445
Description  40.5 ??43.5 GHz SMT Packaged Linear Power Amplifi er
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AMGP-6445 Datasheet(HTML) 2 Page - Broadcom Corporation.

  AMGP-6445 Datasheet HTML 1Page - Broadcom Corporation. AMGP-6445 Datasheet HTML 2Page - Broadcom Corporation. AMGP-6445 Datasheet HTML 3Page - Broadcom Corporation. AMGP-6445 Datasheet HTML 4Page - Broadcom Corporation. AMGP-6445 Datasheet HTML 5Page - Broadcom Corporation. AMGP-6445 Datasheet HTML 6Page - Broadcom Corporation. AMGP-6445 Datasheet HTML 7Page - Broadcom Corporation. AMGP-6445 Datasheet HTML 8Page - Broadcom Corporation. AMGP-6445 Datasheet HTML 9Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
ELECTRICAL SPECIFICATIONS
Table 1. Absolute Minimum and Maximum Ratings
Parameter
Specifications
Comments
Description
Min.
Max.
Unit
Drain Supply Voltage
Vd1
5.5
V
Vd2
Gate Voltage
Vg1
-2
0
V
Vg2
Totel Gate Current
Ig1
-3
mA
Ig, total = Ig1 + Ig2 Ig, total occurs at
highest RF Pout condition.
Ig2
RF Input Power (Pin)
RFIN
20
dBm
CW
Powe Dissipation (Pd)
4
W
Pd = Vd1 x Id1 + Vd2 x Id2 + Pin – Pout
Channel Temperature
150
°C
Storage Temperature
-65
150
°C
Table 2. Recommended Operating Range
Parameter
Specifications
Comments
Description
Pin
Min.
Typical
Max.
Unit
Drain Supply Voltage
Vd1
4.7 [1]
V
Vd2
4.4
Gate Supply Voltage
Vg1
-0.83
-0.63
-0.43
V
Vg2
Quiescent Drain Supply
Current (Idq)
Vd1
200 [2]
mA
Idq = Id1 + Id2
Vd2
560
RF Output Power (Pout)
RFOUT
28
30
dBm
CW
Frequency Range
40.5
43.5
GHz
Thermal Resistance,
ch-b
13
°C/W
Channel to board
Case Temperature
-40
+85
°C
ESD
Human Body Model
250
V
Machine Model
50
V
Notes:
1. Not recommend to operate below that this voltage level; otherwise, the amplifier may enter instability.
2. Not recommend to operate above that this current level; otherwise, the amplifier may enter instability.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com