Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LE-2 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # LE-2
Description  Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LE-2 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button LE-2 Datasheet HTML 9Page - List of Unclassifed Manufacturers LE-2 Datasheet HTML 10Page - List of Unclassifed Manufacturers LE-2 Datasheet HTML 11Page - List of Unclassifed Manufacturers LE-2 Datasheet HTML 12Page - List of Unclassifed Manufacturers LE-2 Datasheet HTML 13Page - List of Unclassifed Manufacturers LE-2 Datasheet HTML 14Page - List of Unclassifed Manufacturers LE-2 Datasheet HTML 15Page - List of Unclassifed Manufacturers LE-2 Datasheet HTML 16Page - List of Unclassifed Manufacturers LE-2 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
28
ø30 ø30 Series Pilot Lights
Square / Rectangular (Marking) Pilot Lights
Package Quantity: 1
Shape
Lamp
Lamp Recep-
tacle
Part No.
➁ Lens/LED Color Code
Applicable Lamp
Square
UPQN3B
Without Lamp
BA9S
UPQN3B99➁
DA: amber
C:
clear
G:
green
O:
orange
R:
red
S:
blue
W: white
DY:
yellow
See page 75 for
lamps.
LED
BA9S
UPQN3B➂D➁
A:
amber
G:
green
R:
red
S:
blue
W: white
Y:
yellow
LSTD-*➁
Incandescent
BA9S
UPQN3B➂➁
C:
clear
G:
green
O:
orange
R:
red
S:
blue
W:
white
LS-*
Rectangular (Marking)
UPQN4
Without Lamp
BA9S
UPQN499➁
DA: amber
G:
green
O:
orange
R:
red
S:
blue
W:
white
DY: yellow
See page 75 for
lamps.
LED
BA9S
UPQN4➂D➁
A:
amber
G:
green
R:
red
S:
blue
W: white
Y:
yellow
LSTD-*➁
Incandescent
BA9S
UPQN4➂➁
G:
green
O:
orange
R:
red
S:
blue
W: white
LS-*
Rectangular (Marking)
UPQNE4
UPQN4
Without Lamp
E12
UPQNE499➁
DA: amber
G:
green
O:
orange
R:
red
S:
blue
W:
white
DY: yellow
See page 75 for
lamps.
LED
E12
UPQNE4➂D➁
A:
amber
G:
green
R:
red
S:
blue
W: white
Y:
yellow
LETD-*➁
Incandescent
E12
UPQN4➂➁
(Note)
G:
green
O:
orange
R:
red
S:
blue
W: white
LE-*
Operating Voltage Code
Specify an operating voltage code in place of ➂ in the Part No.
➂ Operating Voltage Code
Input Type
LED
Incandescent (BA9S)
Incandescent (E12)
66: 6V AC/DC
11: 12V AC/DC
22: 24V AC/DC
66: 6V AC/DC
88: 12V AC/DC
33: 24V AC/DC
66: 6V AC/DC
88: 12V AC/DC
33: 24V AC/DC
(Note) When ordering 6V, 12V, 24V AC/DC units, specify
"E " before the operating voltage code. UPQN4E➂➁.
Full Voltage
16: 100/110V AC
126: 120V AC
26: 200/220V AC
246: 240V AC
386: 380V AC
46: 400/440V AC
16: 100/110V AC
126: 120V AC
26: 200/220V AC
246: 240V AC
386: 380V AC
46: 400/440V AC
486: 480V AC
18: 100/110V AC
128: 120V AC
238: 200/220V AC
248: 240V AC
388: 380V AC
48: 400/440V AC
488: 480V AC
Transformer
16D: 110V DC
DC-DC Converter *
•Specify a lens/LED color code in place of ➁ in the Part No.
•Use a pure white LED lamp for yellow illumination (LSTD)
•On the rectangular marking pilot light, a clear lens and a color marking plate are used for white illumination.
Marking plate: 24 × 30 mm, 2 mm thick
* DC-DC converter types are not approved by UL and CSA, and not CE compliant (operating voltage 90 to 140V DC).
(14/03/18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com