Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LE-2 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LE-2
Description  Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LE-2 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LE-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers LE-2 Datasheet HTML 2Page - List of Unclassifed Manufacturers LE-2 Datasheet HTML 3Page - List of Unclassifed Manufacturers LE-2 Datasheet HTML 4Page - List of Unclassifed Manufacturers LE-2 Datasheet HTML 5Page - List of Unclassifed Manufacturers LE-2 Datasheet HTML 6Page - List of Unclassifed Manufacturers LE-2 Datasheet HTML 7Page - List of Unclassifed Manufacturers LE-2 Datasheet HTML 8Page - List of Unclassifed Manufacturers LE-2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
18
ø30 ø30 Series Switches & Pilot Lights
LED Lamp Ratings (LETD)
Part No.
LETD-6➁
LETD-8➁
LETD-2➁
Lamp Base
E12/15
Rated Voltage
6V AC/DC
12V AC/DC
24V AC/DC
Voltage Range
6V AC/DC ±10%
12V AC/DC ±10%
24V AC/DC ±10%
Current
Draw
A, R, W, Y
G, S
A, R, W, Y
G, S
AC
17 mA
8 mA
7 mA
11 mA
DC
14 mA
5.5 mA
6.5 mA
10 mA
Color Code ➁
A (amber), G (green), R (red), S (blue), W (white), Y (yellow)
Lamp Base Color
Same as illumination color
Voltage Marking
Die stamped on the base
Life (reference value)
Approx. 50,000 hours
(The luminance is reduced to 50% the initial intensity when used on complete DC.)
Internal Circuit
A, R, W
Y
A, R, W
Y
G, S
LEDChip
Resistor
ZenerDiode
ProtectionDiode
Incandescent Lamp Ratings (LS)
Part No.
LS-6
LS-8
LS-2
LS-3
Lamp Base
BA9S/13
Rated Voltage
6V AC/DC
12V AC/DC
18V AC/DC
24V AC/DC
Wattage
1W (6.3V)
1W (18V)
1W (24V)
1W (30V)
Voltage Marking
Die stamped on the base
Life (reference value)
Approx. 1,000 hours minimum
(mean value when used on the rated voltage)
Incandescent Lamp Ratings (LE)
Part No.
LE-6
LE-8
LE-2
LE-3
Lamp Base
E12/15
Rated Voltage
6V AC/DC
12V AC/DC
18V AC/DC
24V AC/DC
Wattage
2W (6.3V)
2W (18V)
2W (24V)
2W (30V)
Voltage Marking
Die stamped on the base
Life (reference value)
Approx. 1,000 hours minimum
(mean value when used on the rated voltage)
(14/03/18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com