Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX5545G201 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # FX5545G201
Description  Industry Smallest and Low Profile 3W 1000mA DC/DC Buck Converter with High Output Power Density
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FX5545G201 Datasheet(HTML) 3 Page - Vishay Siliconix

  FX5545G201 Datasheet HTML 1Page - Vishay Siliconix FX5545G201 Datasheet HTML 2Page - Vishay Siliconix FX5545G201 Datasheet HTML 3Page - Vishay Siliconix FX5545G201 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
For technical questions, contact FunctionPAK@vishay.com
For marketing questions, contact FunctionPAK.marketing@vishay.com
www.vishay.com
33
FX5545G201
Vishay
Document Number: 10104
Revision 14-Jun-04
PARAMETER
UNIT
CONDITION
MIN
TYP
MAX
Input
Voltage Range
VDC
2.7
6
Quiescent Current
µA
PSM mode
200
Soft Start Time
ms
Tss
5
SD, PWM/PSM, SYNC
Logic High
V
VH
2.4
Logic Low
V
VL
0.8
Normal Mode
µAIDD
750
PSM Mode
µAIDD
250
Shutdown Mode
µAIDD
1
Shutdown Time
ms
TSS
9
Insulation
Test Voltage
VAC
60Hz 60sec
750
Resistance
Ω
VISO = 500VDC
1 x 10
11
Leakage Current
nA
VISO = 500VDC
5
Output
Power
W
3
Voltage
VDC
1.35 to 4.5
Voltage Tolerance
%
at 25°C Ambient Temperature
- 3
3
Temp. Coefficient
%/°C
0.03
Ripple and Noise
mVpp
DC to 20MHz
35
General
Package Weight
gr.
1.3
Oscillator
Frequency
MHz
2
SYNC Range
FSYNC/FOSC
1.2
1.5
Temperature
Operation
°C
- 40
+ 85
Storage
°C
- 55
+ 125
Operating Junction Temp.
°CTj
150
Thermal Impedance
°C/WD*
θJA
82
STANDARD ELECTRICAL SPECIFICATIONS
Note: WD = Power Dissipated
Fall Time
Rise Time
Rise Time (PWM mode): Vin = 6V; Vout = 3.3V; Iout = 1A
Fall Time (PWM mode): Vin = 6V; Vout = 3.3V; Iout = 1A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com