Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX5545G201 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # FX5545G201
Description  Industry Smallest and Low Profile 3W 1000mA DC/DC Buck Converter with High Output Power Density
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FX5545G201 Datasheet(HTML) 4 Page - Vishay Siliconix

  FX5545G201 Datasheet HTML 1Page - Vishay Siliconix FX5545G201 Datasheet HTML 2Page - Vishay Siliconix FX5545G201 Datasheet HTML 3Page - Vishay Siliconix FX5545G201 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
For technical questions, contact FunctionPAK@vishay.com
For marketing questions, contact FunctionPAK.marketing@vishay.com
Document Number: 10104
Revision 14-Jun-04
www.vishay.com
34
FX5545G201
Vishay
Vout Vs. Iout*
Vin = 3.6V
Iout (A)
Vout Vs. Vin*
Iout = 600mA
Vin (V)
Efficiency Vs. Iout*
Vin = 3.6V; Vout = 3.3V
Iout (A)
∆ Temp. Vs. Iout*
Above 25°C Ambient Temperature
Iout (A)
Vout Vs. Vin*
lout = 0.05A
Vout Vs. lout*
Vin = 6V
3.2
3.25
3.3
3.35
3.4
3.45
3.5
3
4
56
7
Vin (V)
3.2
3.25
3.3
3.35
3.4
3.45
3.5
0
0.05
0.1
0.15
0.2
0.25
Iout (A)
0
10
20
30
40
50
60
70
80
90
100
0
0.05
0.1
0.15
0.2
0.25
Iout (A)
Vin = 4V
Vin = 6V
Efficiency Vs. Iout*
6
8
10
12
14
0
0.2
0.4
0.6
0.8
1
1.2
0
2
4
Vin = 3.6V
3.3
3.35
3.4
3.45
3.5
0
0.2
0.4
0.6
0.8
1
1.2
3.1
3.2
3.25
3.15
3.3
3.35
3.4
3.45
3.5
3
4
4.5
5
5.5
6
6.5
3.1
3.2
3.25
3.15
3.5
70
75
80
85
90
95
100
50
55
60
65
0
0.2
0.4
0.6
0.8
1
1.2
PSM MODE
PWM MODE
*Note: Measurements were taken with Power supply: ZUP 20-40 from Nemic Lambda; Electronic load: 6063B from Agilent; Multimeter: Fluke 45 from
Fluke and 34401 digital multimeter from Agilent; Scope: Infiniium 54815A from Agilent



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com