Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMMP-6421 Datasheet(PDF) 3 Page - Broadcom Corporation.

Part # AMMP-6421
Description  13-16 GHz 1W Power Amplifi er in SMT Package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AMMP-6421 Datasheet(HTML) 3 Page - Broadcom Corporation.

  AMMP-6421 Datasheet HTML 1Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 2Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 3Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 4Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 5Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 6Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 7Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 8Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Table 3. Thermal Properties
Parameter
Test Conditions
Value
Thermal Resistance (channel to backside),
jc
Ambient operational temperature TA = 25°C
jc = 17 °C/W
Channel Temperature, Tch
Tch = 136 °C
Note:
1. Assume SnPb soldering to an evaluation RF board at 85°C base plate temperatures. Worst case for the channel temperature is under the quiescent
operation. At saturated output power, DC power consumption rises to 5 W with 1.43 W RF power delivered to load. Power dissipation is 3.57 W and
the temperature rise in the channel is 33.6°C. In this condition, the base plate temperature must be remained below 94.3°C to maintain maximum
operating channel temperature below 155°C.
Absolute Minimum and Maximum Ratings
Table 4. Minimum and Maximum Ratings
Description
Min.
Max.
Unit
Comments
Drain Supply Voltage, Vd
6
V
Gate Supply Voltage, Vg
1
V
Power Dissipation, Pd [2,3]
8W
RF CW Input Power, Pin [2]
23
dBm
CW
Channel Temperature, Tch, max [4,5]
+150
°C
Storage Case Temperature, Tstg
-65
+150
°C
Maximum Assembly Temperature, Tmax
260
°C
30 second maximum
Notes:
1. Operation in excess of any one of these conditions may result in permanent damage to this device.
2. Combinations of supply voltage, drain current, input power, and output power shall not exceed PD.
3. When operate at this condition with a base plate temperature of 85°C, the median time to failure (MTTF) is significantly reduced.
4. These ratings apply to each individual FET
5. The operating channel temperature will directly affect the device MTTF. For maximum life, it is recommended that junction temperatures be
maintained at the lowest possible levels.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com