Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMMP-6421 Datasheet(PDF) 6 Page - Broadcom Corporation.

Part # AMMP-6421
Description  13-16 GHz 1W Power Amplifi er in SMT Package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AMMP-6421 Datasheet(HTML) 6 Page - Broadcom Corporation.

Back Button AMMP-6421 Datasheet HTML 2Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 3Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 4Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 5Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 6Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 7Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 8Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 9Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 10Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
10
12
14
16
18
20
22
24
26
28
30
32
34
2
4
6
8
10
12
14
16
18
20
22
24
Frequency[GHz]
Frequency[GHz]
12
14
16
18
20
22
24
26
28
30
32
10
11
12
13
14
15
16
17
18
Frequency [GHz]
-20
-15
-10
-5
0
2
4
6
8
1012141618
202224
Frequency[GHz]
-20
-15
-10
-5
0
2
4
6
8
10
12
14
16
18
20
22
24
S11_25
S11_-40
S11_85
S22_25
S22_-40
S22_85
S21_25
S21_-40
S21_85
P-1_-40deg
P-1_25deg
P-1_85deg
AMMP-6421 Typical over temperature dependencies
(TA = 25°C, Vd =5 V, Id(q) = 600 mA, Zin = Zout = 50
)
Figure 13. Typical S22 over temperature
Figure 14. Typical P1 over temperature
Figure 11. Typical S11 over temperature
Figure 12. Typical Gain over temperature



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com