Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3304I/ST Datasheet(PDF) 37 Page - Microchip Technology

Part # MCP3304I/ST
Description  13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3304I/ST Datasheet(HTML) 37 Page - Microchip Technology

Back Button MCP3304I/ST Datasheet HTML 32Page - Microchip Technology MCP3304I/ST Datasheet HTML 33Page - Microchip Technology MCP3304I/ST Datasheet HTML 34Page - Microchip Technology MCP3304I/ST Datasheet HTML 35Page - Microchip Technology MCP3304I/ST Datasheet HTML 36Page - Microchip Technology MCP3304I/ST Datasheet HTML 37Page - Microchip Technology MCP3304I/ST Datasheet HTML 38Page - Microchip Technology MCP3304I/ST Datasheet HTML 39Page - Microchip Technology MCP3304I/ST Datasheet HTML 40Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
 2002 Microchip Technology Inc.
DS21697B-page37
MCP3302/04
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Sales and Support
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom-
mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
New Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.
Device:
MCP3302:
13-Bit Serial A/D Converter
MCP3302T: 13-Bit Serial A/D Converter (Tape and Reel)
MCP3304:
13-Bit Serial A/D Converter
MCP3304T: 13-Bit Serial A/D Converter (Tape and Reel)
Grade:
B
= ±1 LSB INL
C= ±2 LSB INL
Temperature Range:
I
= -40°C to +85°C
Package:
P
= Plastic DIP (300 mil Body), 14-lead, 16-lead
SL = Plastic SOIC (150 mil Body), 14-lead, 16-lead
ST = Plastic TSSOP (4.4mm), 14-lead
Examples:
a)
MCP3302-BI/P: ±1 LSB INL, Industrial Tem-
perature, PDIP package
b)
MCP3302-BI/SL: ±1 LSB INL, Industrial
Temperature, SOIC package
c)
MCP3302-CI/ST: ±2 LSB INL, Industrial
Temperature, TSSOP package
a)
MCP3304-BI/P:
±1 LSB INL, Industrial
Temperature, PDIP package
b)
MCP3304-BI/SL: ±1 LSB INL, Industrial
Temperature, SOIC package
PART NO.
X
/XX
Package
Temperature
Range
Device
X
Grade



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com