Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3304I/ST Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP3304I/ST
Description  13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3304I/ST Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP3304I/ST Datasheet HTML 13Page - Microchip Technology MCP3304I/ST Datasheet HTML 14Page - Microchip Technology MCP3304I/ST Datasheet HTML 15Page - Microchip Technology MCP3304I/ST Datasheet HTML 16Page - Microchip Technology MCP3304I/ST Datasheet HTML 17Page - Microchip Technology MCP3304I/ST Datasheet HTML 18Page - Microchip Technology MCP3304I/ST Datasheet HTML 19Page - Microchip Technology MCP3304I/ST Datasheet HTML 20Page - Microchip Technology MCP3304I/ST Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
 2002 Microchip Technology Inc.
DS21697B-page 17
MCP3302/04
6.0
APPLICATIONS INFORMATION
6.1
Conversion Description
The MCP3302/04 A/D converters employ a conven-
tional SAR architecture. With this architecture, the
potential between the IN+ and IN- inputs are simulta-
neously sampled and stored with the internal sample
circuits for 1.5 clock cycles. Following this sampling
time, the input hold switches of the converter open and
the device uses the collected charge to produce a
serial 13-bit binary two’s complement output code. This
conversion process is driven by the external clock and
must include 13 clock cycles, one for each bit. During
this process, the most significant bit (MSB) is output
first. This bit is the sign bit and indicates if the IN+ or IN-
input is at a higher potential.
FIGURE 6-1:
Simplified Block Diagram.
6.2
Driving the Analog Input
The analog input of the MCP3302/04 is easily driven,
either differentially or single ended. Any signal that is
common to the two input channels will be rejected by
the common mode rejection of the device. During the
charging time of the sample capacitor, a small charging
current will be required. For low source impedances,
this input can be driven directly. For larger source
impedances, a larger acquisition time will be required
due to the RC time constant that includes the source
impedance. For the A/D Converter to meet specifica-
tion, the charge holding capacitor (CSAMPLE) must be
given enough time to acquire a 13-bit accurate voltage
level during the 1.5 clock cycle acquisition period.
An analog input model is shown in Figure 6-3. This
model is accurate for an analog input, regardless if it is
configured as a single ended input, or the IN+ and IN-
input in differential mode. In this diagram, it is shown
that the source impedance (RS) adds to the internal
sampling switch (RSS) impedance, directly affecting the
time that is required to charge the capacitor (CSAMPLE).
Consequently, a larger source impedance with no addi-
tional acquisition time increases the offset, gain and
integral linearity errors of the conversion. To overcome
this, a slower clock speed can be used to allow for the
longer charging time. Figure 6-2 shows the maximum
clock speed associated with source impedances.
FIGURE 6-2:
Maximum Clock Frequency
vs. Source Resistance (RS) to maintain ±1 LSB
INL.
Comp
13-Bit SAR
CDAC
IN+
IN-
Shift
Register
CSAMP
Hold
+
-
Hold
CSAMP
DOUT
0.0
0.5
1.0
1.5
2.0
2.5
100
1000
10000
100000
Source Resistance (ohms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com