Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9001UIDBVR Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9001UIDBVR
Description  TLV900x Low-Power, RRIO, 1-MHz Operational Amplifier for Cost-Sensitive Systems
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9001UIDBVR Datasheet(HTML) 27 Page - Texas Instruments

Back Button TLV9001UIDBVR Datasheet HTML 23Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 24Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 25Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 26Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 27Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 28Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 29Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 30Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 86 page
background image
27
TLV9001, TLV9002, TLV9004
www.ti.com
SBOS833O – OCTOBER 2017 – REVISED APRIL 2020
Product Folder Links: TLV9001 TLV9002 TLV9004
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
Feature Description (continued)
Table 1. TLV900x EMIRR IN+ For Frequencies of Interest
FREQUENCY
APPLICATION OR ALLOCATION
EMIRR IN+
400 MHz
Mobile radio, mobile satellite, space operation, weather, radar, ultra-high frequency (UHF)
applications
59.5 dB
900 MHz
Global system for mobile communications (GSM) applications, radio communication, navigation,
GPS (to 1.6 GHz), GSM, aeronautical mobile, UHF applications
68.9 dB
1.8 GHz
GSM applications, mobile personal communications, broadband, satellite, L-band (1 GHz to 2 GHz)
77.8 dB
2.4 GHz
802.11b, 802.11g, 802.11n, Bluetooth®, mobile personal communications, industrial, scientific and
medical (ISM) radio band, amateur radio and satellite, S-band (2 GHz to 4 GHz)
78.0 dB
3.6 GHz
Radiolocation, aero communication and navigation, satellite, mobile, S-band
88.8 dB
8.3.5 Overload Recovery
Overload recovery is defined as the time required for the operational amplifier output to recover from a saturated
state to a linear state. The output devices of the operational amplifier enter a saturation region when the output
voltage exceeds the rated operating voltage, because of the high input voltage or the high gain. After the device
enters the saturation region, the charge carriers in the output devices require time to return to the linear state.
After the charge carriers return to the linear state, the device begins to slew at the specified slew rate. Therefore,
the propagation delay (in case of an overload condition) is the sum of the overload recovery time and the slew
time. The overload recovery time for the TLV900x family is approximately 850 ns.
8.3.6 Shutdown
The TLV9001S, TLV9002S and TLV9004S devices feature SHDN pins that disable the op amp, placing it into a
low-power standby mode. In this mode, the op amp typically consumes less than 1 µA. The SHDN pins are
active low, meaning that shutdown mode is enabled when the input to the SHDN pin is a valid logic low.
The SHDN pins are referenced to the negative supply voltage of the op amp. The threshold of the shutdown
feature lies around 620 mV (typical) and does not change with respect to the supply voltage. Hysteresis has
been included in the switching threshold to ensure smooth switching characteristics. To ensure optimal shutdown
behavior, the SHDN pins should be driven with valid logic signals. A valid logic low is defined as a voltage
between V– and V– + 0.2 V. A valid logic high is defined as a voltage between V– + 1.2 V and V+. The shutdown
pin circuitry includes a pull-up resistor, which will inherently pull the voltage of the pin to the positive supply rail if
not driven. Thus, to enable the amplifier, the SHDN pins should either be left floating or driven to a valid logic
high. To disable the amplifier, the SHDN pins must be driven to a valid logic low. While we highly recommend
that the shutdown pin be connected to a valid high or a low voltage or driven, we have included a pull-up resistor
connected to VCC. The maximum voltage allowed at the SHDN pins is (V+) + 0.5 V. Exceeding this voltage level
will damage the device.
The SHDN pins are high-impedance CMOS inputs. Dual op amp versions are independently controlled and quad
op amp versions are controlled in pairs with logic inputs. For battery-operated applications, this feature may be
used to greatly reduce the average current and extend battery life. The enable time is 70 µs for full shutdown of
all channels; disable time is 4 µs. When disabled, the output assumes a high-impedance state. This architecture
allows the TLV9002S and TLV9004S to operate as a gated amplifier (or to have the device output multiplexed
onto a common analog output bus). Shutdown time (tOFF) depends on loading conditions and increases as load
resistance increases. To ensure shutdown (disable) within a specific shutdown time, the specified 10-kΩ load to
midsupply (VS / 2) is required. If using the TLV9001S, TLV9002S or TLV9004S without a load, the resulting
turnoff time significantly increases.
8.4 Device Functional Modes
The TLV900x family has a single functional mode. The devices are powered on as long as the power-supply
voltage is between 1.8 V (±0.9 V) and 5.5 V (±2.75 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com