Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9001UIDBVR Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9001UIDBVR
Description  TLV900x Low-Power, RRIO, 1-MHz Operational Amplifier for Cost-Sensitive Systems
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9001UIDBVR Datasheet(HTML) 60 Page - Texas Instruments

Back Button TLV9001UIDBVR Datasheet HTML 56Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 57Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 58Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 59Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 60Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 61Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 62Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 63Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 86 page
background image
www.ti.com
PACKAGE OUTLINE
C
8X
0.32
0.18
1.6 0.1
2X
1.5
0.9 0.1
6X 0.5
8X
0.4
0.2
0.05
0.00
0.8 MAX
A
2.1
1.9
B
2.1
1.9
0.32
0.18
0.4
0.2
(0.2) TYP
WSON - 0.8 mm max height
DSG0008A
PLASTIC SMALL OUTLINE - NO LEAD
4218900/D 04/2020
PIN 1 INDEX AREA
SEATING PLANE
0.08 C
1
4
5
8
PIN 1 ID
0.1
C A B
0.05
C
THERMAL PAD
EXPOSED
9
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
SCALE 5.500
ALTERNATIVE TERMINAL SHAPE
TYPICAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com