Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9002IDDFR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9002IDDFR
Description  TLV900x Low-Power, RRIO, 1-MHz Operational Amplifier for Cost-Sensitive Systems
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9002IDDFR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLV9002IDDFR Datasheet HTML 10Page - Texas Instruments TLV9002IDDFR Datasheet HTML 11Page - Texas Instruments TLV9002IDDFR Datasheet HTML 12Page - Texas Instruments TLV9002IDDFR Datasheet HTML 13Page - Texas Instruments TLV9002IDDFR Datasheet HTML 14Page - Texas Instruments TLV9002IDDFR Datasheet HTML 15Page - Texas Instruments TLV9002IDDFR Datasheet HTML 16Page - Texas Instruments TLV9002IDDFR Datasheet HTML 17Page - Texas Instruments TLV9002IDDFR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 86 page
background image
14
TLV9001, TLV9002, TLV9004
SBOS833O – OCTOBER 2017 – REVISED APRIL 2020
www.ti.com
Product Folder Links: TLV9001 TLV9002 TLV9004
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Input pins are diode-clamped to the power-supply rails. Input signals that may swing more than 0.5 V beyond the supply rails must be
current limited to 10 mA or less.
(3)
Short-circuit to ground, one amplifier per package.
7 Specifications
7.1 Absolute Maximum Ratings
over operating temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage (V+) – (V–)
6
V
Signal input pins
Voltage(2)
Common-mode
(V–) – 0.5
(V+) + 0.5
V
Differential
(V+) – (V–) + 0.2
V
Current(2)
–10
10
mA
Output short-circuit(3)
Continuous
Operating, TA
–55
150
°C
Junction, TJ
150
°C
Storage, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
TLV9002S PACKAGE
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1500
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1500
ALL OTHER PACKAGES
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001 (1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
7.3 Recommended Operating Conditions
over operating temperature range (unless otherwise noted)
MIN
MAX
UNIT
VS
Supply voltage
1.8
5.5
V
TA
Specified temperature
–40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com