Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9028PRO Datasheet(PDF) 35 Page - ESS Technology,Inc

Part # ES9028PRO
Description  32-Bit HyperStream짰 II 8-Channel Audio DAC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9028PRO Datasheet(HTML) 35 Page - ESS Technology,Inc

Back Button ES9028PRO Datasheet HTML 31Page - ESS Technology,Inc ES9028PRO Datasheet HTML 32Page - ESS Technology,Inc ES9028PRO Datasheet HTML 33Page - ESS Technology,Inc ES9028PRO Datasheet HTML 34Page - ESS Technology,Inc ES9028PRO Datasheet HTML 35Page - ESS Technology,Inc ES9028PRO Datasheet HTML 36Page - ESS Technology,Inc ES9028PRO Datasheet HTML 37Page - ESS Technology,Inc ES9028PRO Datasheet HTML 38Page - ESS Technology,Inc ES9028PRO Datasheet HTML 39Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 57 page
background image
July 6, 2020
CONFIDENTIAL INFORMATION v3.6
ES9028PRO 32-Bit HyperStream® II 8-Channel Audio DAC
35
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA. Tel (408) 643-
8800 • Fax (408) 643-8801
Registers 47-52: ADC Filter Configuration
The SABRE DAC contains two decimation filters for filtering the ADC data. The filters are configurable via the ADC
filter configuration registers. They are set as a low-pass filter by default. The low-pass filter is derived from
commercial software.
Register 47-48: ADC Filter Configuration (ftr_scale)
Bits
[15:0]
Mnemonic
adc_ftr_scale
Default
16’d992
Register 49-50: ADC Filter Configuration (fbq_scale)
Bits
[15:0]
Mnemonic
adc_fbq_scale1
Default
16’d1024
Register 51-52: ADC Filter Configuration (fbq_scale)
Bits
[15:0]
Mnemonic
adc_fbq_scale2
Default
16’d1024
Register 53: Reserved
Bits
[7:0]
Mnemonic
reserved
Default
8’b00000000
Register 54: Reserved
Bits
[7]
[6:0]
Mnemonic
DoP Bypass
reserved
Default
1’b1
7
’b1110000
Bit
Mnemonic
Description
[7]
DoP Bypass
Selects whether the DAC will be able decode DoP audio data.
1’b0: enables the DoP transcoder
1’b1: disables the DoP transcoder (default)
[6:0]
Reserved
Register 55-56: Reserved
Bits
[15:0]
Mnemonic
reserved
Default
16’d0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com