Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9028PRO Datasheet(PDF) 13 Page - ESS Technology,Inc

Part # ES9028PRO
Description  32-Bit HyperStream짰 II 8-Channel Audio DAC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9028PRO Datasheet(HTML) 13 Page - ESS Technology,Inc

Back Button ES9028PRO Datasheet HTML 9Page - ESS Technology,Inc ES9028PRO Datasheet HTML 10Page - ESS Technology,Inc ES9028PRO Datasheet HTML 11Page - ESS Technology,Inc ES9028PRO Datasheet HTML 12Page - ESS Technology,Inc ES9028PRO Datasheet HTML 13Page - ESS Technology,Inc ES9028PRO Datasheet HTML 14Page - ESS Technology,Inc ES9028PRO Datasheet HTML 15Page - ESS Technology,Inc ES9028PRO Datasheet HTML 16Page - ESS Technology,Inc ES9028PRO Datasheet HTML 17Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 57 page
background image
July 6, 2020
CONFIDENTIAL INFORMATION v3.6
ES9028PRO 32-Bit HyperStream® II 8-Channel Audio DAC
13
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA. Tel (408) 643-
8800 • Fax (408) 643-8801
DoP (DSD over PCM) Audio Format
The DoP format packs DSD data into PCM frames. The incoming data is identified as DoP if the DSD Markers 0x05 and
0xFA alternating each frame clock cycle are present as illustrated below.
Frame Cycle
1 Left
1 Right
2 Left
2 Right
3 Left
3 Right
DSD Marker
0x05
0x05
0xFA
0xFA
0x05
0x05
Note: DoP requires 24-bit or 32-bit PCM mode and cannot be handled by 16-bit PCM mode.
24-bit mode: DoP data consists of 8-bit marker in the MSB followed by 16-bit DSD data
32-bit mode: DoP data consists of 8-bit marker in the MSB followed by 16-bit DSD data and 8-bit padding
Native DSD Format
DATA
WS
BCK
8- bit DSD Mar ker
16 Bit s of DSD Audio
8- bit DSD Mar ker
8 Bit s of 0 Padding
8 Bit s of 0 Padding
16 Bit s of DSD Audio
0 31 30
2
1
0 31 30
2
1
0 31 30
................
................
Left Channel
Right Channel
D..
D0
D1
D2
D3
D4
DSD1
DSD2
DCLK
D..
D0
D1
D2
D3
D4
DSD1
DSD2
DCLK
D..
D0
D1
D2
D3
D4
DSD NORMAL MODE
DSD PHASE MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com