Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9038PRO Datasheet(PDF) 15 Page - ESS Technology,Inc

Part # ES9038PRO
Description  Flagship 32-Bit HyperStream짰 II 8-Channel Audio DAC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9038PRO Datasheet(HTML) 15 Page - ESS Technology,Inc

Back Button ES9038PRO Datasheet HTML 11Page - ESS Technology,Inc ES9038PRO Datasheet HTML 12Page - ESS Technology,Inc ES9038PRO Datasheet HTML 13Page - ESS Technology,Inc ES9038PRO Datasheet HTML 14Page - ESS Technology,Inc ES9038PRO Datasheet HTML 15Page - ESS Technology,Inc ES9038PRO Datasheet HTML 16Page - ESS Technology,Inc ES9038PRO Datasheet HTML 17Page - ESS Technology,Inc ES9038PRO Datasheet HTML 18Page - ESS Technology,Inc ES9038PRO Datasheet HTML 19Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 58 page
background image
March 5, 2019
CONFIDENTIAL ADVANCE INFORMATION v3.6
ES9038PRO Flagship 32-Bit HyperStream® II 8-Channel Audio DAC
15
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA. Tel (408) 643-
8800 • Fax (408) 643-8801
Serial Control Interface
The registers inside the chip are programmed via an I2C interface. The diagram below shows the timing for this interface.
The chip address can be set to 2 different setti
ngs via the “ADDR” pin.
ADDR
CHIP ADDRESS
0
0x90
1
0x92
Notes:
1.
The “ADDR” pin is used to create the CHIP ADDRESS. (0x90, 0x92)
2.
The first byte after the CHIP ADDRESS (
“ADDRESS”) is the register address.
3.
The second byte after the CHIP ADDRESS (
“DATA”) is the data to be programmed into the register.
4.
Multi-byte reads are NOT supported and will cause the I2C decoder to become unresponsive until a reset occurs.
I2C Timing Table
Start
Start
Start
Stop
Parameter
Symbol
MCLK
Constraint
Standard-Mode
Fast-Mode
Unit
MIN
MAX
MIN
MAX
SCL Clock Frequency
fSCL
< MCLK/20
0
100
0
400
kHz
START condition hold time
tHD,STA
4.0
-
0.6
-
s
LOW period of SCL
tLOW
>10/MCLK
4.7
-
1.3
-
s
HIGH period of SCL (>10/MCLK)
tHIGH
>10/MCLK
4.0
-
0.6
-
s
START condition setup time (repeat)
tSU,STA
4.7
-
0.6
-
s
SDA hold time from SCL falling
tHD,DAT
0
-
0
-
s
SDA setup time from SCL rising
tSU,DAT
250
-
100
-
ns
Rise time of SDA and SCL
tr
-
1000
300
ns
Fall time of SDA and SCL
tf
-
300
300
ns
STOP condition setup time
tSU,STO
4
-
0.6
-
s
Bus free time between transmissions
tBUF
4.7
-
1.3
-
s
Capacitive load for each bus line
Cb
-
400
-
400
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com