Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9038PRO Datasheet(PDF) 40 Page - ESS Technology,Inc

Part # ES9038PRO
Description  Flagship 32-Bit HyperStream짰 II 8-Channel Audio DAC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9038PRO Datasheet(HTML) 40 Page - ESS Technology,Inc

Back Button ES9038PRO Datasheet HTML 36Page - ESS Technology,Inc ES9038PRO Datasheet HTML 37Page - ESS Technology,Inc ES9038PRO Datasheet HTML 38Page - ESS Technology,Inc ES9038PRO Datasheet HTML 39Page - ESS Technology,Inc ES9038PRO Datasheet HTML 40Page - ESS Technology,Inc ES9038PRO Datasheet HTML 41Page - ESS Technology,Inc ES9038PRO Datasheet HTML 42Page - ESS Technology,Inc ES9038PRO Datasheet HTML 43Page - ESS Technology,Inc ES9038PRO Datasheet HTML 44Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 58 page
background image
CONFIDENTIAL ADVANCE INFORMATION v3.6
March 5, 2019
ES9038PRO Flagship 32-Bit HyperStream® II 8-Channel Audio DAC
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA. Tel (408) 643-
8800 • Fax (408) 643-8801
40
Register 66-69 (Read-Only): DPLL Number
Bits
[31:0]
Mnemonic
dpll_num
Default
32’d0
Bit
Mnemonic
Description
[31:0]
dpll_num
Contains the ratio between the MCLK and the audio clock rate once the
DPLL has acquired lock. This value is latched on reading the LSB, so
register 66 must be read first to acquire the latest DPLL value. The
value is latched on LSB because the DPLL number can be changing as
the I2C transactions are performed.
FSR =
(dpll_num ∗ MCLK)
232
Register 70-93: (Read-Only): SPDIF Channel Status/User Status
Bits
[191:0]
Mnemonic
spdif_status
Default
192’d0
Bit
Mnemonic
Description
[191:0]
spdif_status
Contains either the SPDIF channel status (table shown below) or the
SPDIF user bits. This selection can be made via register 1 ( user_bits).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com