Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI74FCT16827ET Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI74FCT16827ET
Description  Fast CMOS 20-Bit Buffers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT16827ET Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI74FCT16827ET Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT16827ET Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT16827ET Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT16827ET Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT16827ET Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74FCT16827ET Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74FCT16827ET Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PI74FCT16827T/162827/162H827T
20-BIT BUFFERS
1
PS2041A 03/11/96
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Logic Block Diagram
PI74FCT16827T
PI74FCT162827T
PI74FCT162H827T
Fast CMOS
20-Bit Buffers
Product Description:
Pericom Semiconductor’s PI74FCT series of logic circuits are pro-
duced in the Company’s advanced 0.6 micron CMOS technology,
achieving industry leading speed grades.
ThePI74FCT16827T,PI74FCT162827T,and PI74FCT162H827Tare
20-bit wide bus drivers designed to provide buffering and high-
performance bus interfacing for wide data/address paths or buses
with parity. Two pair of nanded output enable controls allow the
devices to be operated as two 10-bit buffers or as one 20-bit buffer.
Signal pins are arranged in a flow-through organization for ease of
layout and hysteresis is designed into all inputs to improve noise
margin.
The PI74FCT16827T output buffers are designed with a Power-Off
disable function allowing “live insertion” of boards when the
devices are used as backplane drives.
The PI74FCT162827T has ±24 mA balanced output drivers. It is
designed with current limiting resistors at its outputs to control the
output edge rate resulting in lower ground bounce and undershoot.
This eliminates the need for external terminating resistors for most
interface applications.
The PI74FCT162H827T has “Bus Hold” which retains the input's last
state whenever the input goes to high-impedance preventing
“floating” inputs and eliminating the need for pull-up/down resistors.
Product Features:
CommonFeatures:
• PI74FCT16827T,PI74FCT162827T,andPI74FCT2H827T
are high-speed,
low power devices with high current drive
•VCC = 5V ±10%
• Hysteresis on all inputs
• Packages available:
– 56-pin 240 mil wide plastic TSSOP (A)
– 56-pin 300 mil wide plastic SSOP (V)
PI74FCT16827T Features:
• High output drive: IOH = –32 mA; IOL = 64 mA
• Power off disable outputs permit "live insertion"
• Typical VOLP (Output Ground Bounce) < 1.0V
at VCC = 5V, TA = 25°C
PI74FCT162827T Features:
• Balanced output drivers: ±24 mA
• Reduced system switching noise
• Typical VOLP (Output Ground Bounce) < 0.6V
at VCC = 5V, TA = 25°C
PI74FCT162H827T Features:
• Bus Hold retains last active bus state during 3-state
• Eliminates the need for external pull-up resistors
1
OE1
1
OE2
1
A1
1
Y1
To 9 other channels
2
OE1
2
OE2
2
A1
2
Y1
To 9 other channels


Similar Part No. - PI74FCT16827ET

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT16823AT PERICOM-PI74FCT16823AT Datasheet
80Kb / 8P
Fast CMOS 18-Bit Registers
PI74FCT16823BT PERICOM-PI74FCT16823BT Datasheet
80Kb / 8P
Fast CMOS 18-Bit Registers
PI74FCT16823CT PERICOM-PI74FCT16823CT Datasheet
80Kb / 8P
Fast CMOS 18-Bit Registers
PI74FCT16823DT PERICOM-PI74FCT16823DT Datasheet
80Kb / 8P
Fast CMOS 18-Bit Registers
PI74FCT16823ET PERICOM-PI74FCT16823ET Datasheet
80Kb / 8P
Fast CMOS 18-Bit Registers
More results

Similar Description - PI74FCT16827ET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT16827T TI-CY74FCT16827T Datasheet
62Kb / 7P
20-Bit Buffers/Line Drivers
logo
Integrated Device Techn...
IDT74FCT16827AT IDT-IDT74FCT16827AT Datasheet
120Kb / 8P
FAST CMOS 20-BIT BUFFERS
IDT74FCT16841AT IDT-IDT74FCT16841AT Datasheet
135Kb / 9P
FAST CMOS 20-BIT TRANSPARENT LATCHES
IDT74FCT3827A IDT-IDT74FCT3827A Datasheet
102Kb / 7P
3.3V CMOS 10-BIT BUFFERS
IDT74FCT827AT IDT-IDT74FCT827AT Datasheet
127Kb / 7P
FAST CMOS 10-BIT BUFFERS
logo
Pericom Semiconductor C...
PI74FCT827T PERICOM-PI74FCT827T Datasheet
105Kb / 5P
Fast CMOS 10-Bit Buffers
logo
Recom International Pow...
PI74LPT16827 RECOM-PI74LPT16827 Datasheet
49Kb / 5P
Fast CMOS 3.3V 20-Bit Buffers
logo
Pericom Semiconductor C...
PI74FCT16841T PERICOM-PI74FCT16841T Datasheet
63Kb / 6P
Fast CMOS 20-Bit Transparent Latch
PI74LCX827 PERICOM-PI74LCX827 Datasheet
152Kb / 7P
Fast CMOS 3.3V 10-Bit Buffers
logo
Renesas Technology Corp
IDT74FCT162827AT RENESAS-IDT74FCT162827AT Datasheet
235Kb / 8P
FAST CMOS 20-BIT BUFFER
SEPTEMBER 2009
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com