Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS2GCF200I Datasheet(PDF) 21 Page - Transcend Information. Inc.

Part # TS2GCF200I
Description  TTr rraannsscceenndd I IInndduusst ttr rri iaal ll CCFF CCaar rrdd
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GCF200I Datasheet(HTML) 21 Page - Transcend Information. Inc.

Back Button TS2GCF200I Datasheet HTML 17Page - Transcend Information. Inc. TS2GCF200I Datasheet HTML 18Page - Transcend Information. Inc. TS2GCF200I Datasheet HTML 19Page - Transcend Information. Inc. TS2GCF200I Datasheet HTML 20Page - Transcend Information. Inc. TS2GCF200I Datasheet HTML 21Page - Transcend Information. Inc. TS2GCF200I Datasheet HTML 22Page - Transcend Information. Inc. TS2GCF200I Datasheet HTML 23Page - Transcend Information. Inc. TS2GCF200I Datasheet HTML 24Page - Transcend Information. Inc. TS2GCF200I Datasheet HTML 25Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 87 page
background image
T
T
Tr
rra
a
an
n
ns
s
sc
c
ce
e
en
n
nd
d
d IIIn
n
nd
d
du
u
us
s
stttr
rriiia
a
alll C
C
CF
F
F C
C
Ca
a
ar
rrd
d
d
T
T
TS
S
S1
1
12
2
28
8
8M
M
M~
~
~3
3
32
2
2G
G
GC
C
CF
F
F2
2
20
0
00
0
0III
Transcend Information Inc.
V1.2
21
Printed Circuit Board (PCB) Trace Requirements for Ultra DMA
On any PCB for a host or device supporting Ultra DMA:
The longest D[15:00] trace shall be no more than 0.5" longer than either STROBE trace as measured from the
IC pin to the connector.
The shortest D[15:00] trace shall be no more than 0.5" shorter than either STROBE trace as measured from
the IC pin to the connector.
Ultra DMA Mode Cabling Requirement
Operation in Ultra DMA mode requires a crosstalk suppressing cable. The cable shall have a grounded line
between each signal line.
For True IDE mode operation using a cable with IDE (ATA) type 40 pin connectors it is recommended that the
host sense the cable type using the method described in the ANSI INCITS 361-2002 AT Attachment - 6
standard, to prevent use of Ultra DMA with a 40 conductor cable.
Table: Ultra DMA Termination with Pull-up or Pull down Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com