Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS2GCF200I Datasheet(PDF) 3 Page - Transcend Information. Inc.

Part # TS2GCF200I
Description  TTr rraannsscceenndd I IInndduusst ttr rri iaal ll CCFF CCaar rrdd
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GCF200I Datasheet(HTML) 3 Page - Transcend Information. Inc.

  TS2GCF200I Datasheet HTML 1Page - Transcend Information. Inc. TS2GCF200I Datasheet HTML 2Page - Transcend Information. Inc. TS2GCF200I Datasheet HTML 3Page - Transcend Information. Inc. TS2GCF200I Datasheet HTML 4Page - Transcend Information. Inc. TS2GCF200I Datasheet HTML 5Page - Transcend Information. Inc. TS2GCF200I Datasheet HTML 6Page - Transcend Information. Inc. TS2GCF200I Datasheet HTML 7Page - Transcend Information. Inc. TS2GCF200I Datasheet HTML 8Page - Transcend Information. Inc. TS2GCF200I Datasheet HTML 9Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 87 page
background image
T
T
Tr
rra
a
an
n
ns
s
sc
c
ce
e
en
n
nd
d
d IIIn
n
nd
d
du
u
us
s
stttr
rriiia
a
alll C
C
CF
F
F C
C
Ca
a
ar
rrd
d
d
T
T
TS
S
S1
1
12
2
28
8
8M
M
M~
~
~3
3
32
2
2G
G
GC
C
CF
F
F2
2
20
0
00
0
0III
Transcend Information Inc.
V1.2
3
Windows
® XP Version 2002 SP2, benchmark utility FDBENCH (version 1.02), copied file 40MB
1.
Read/Write operation is drived by IOMeter with 10MB file each operation.
2.
StandBy Current : 5V : 2.8mA 3.3V : 2.2mA
3. All data above are maximum value of each measurements.
Power Requirements (DC 5V, 3.3V @25
℃)
Current Magnitude (mA)
Part Number & Input Voltage
Read
Write
3.3V ± 10%
61
52.6
TS128MCF200I
5V ± 10%
102.6
53.4
3.3V ± 10%
61.3
57.6
TS256MCF200I
5V ± 10%
99
58.8
3.3V ± 10%
86.9
57.8
TS512MCF200I
5V ± 10%
64.1
59.3
3.3V ± 10%
67.5
65.9
TS1GCF200I
5V ± 10%
71.3
68.6
3.3V ± 10%
71
89.6
TS2GCF200I
5V ± 10%
116
93.1
3.3V ± 10%
69.6
89.2
TS4GCF200I
5V ± 10%
113.8
98.9
3.3V ± 10%
88.6
137.1
TS8GCF200I
5V ± 10%
99.9
139.9
3.3V ± 10%
139.5
143.4
TS16GCF200I
5V ± 10%
173.4
152.6
3.3V ± 10%
142.0
131.9
TS32GCF200I
5V ± 10%
165.8
143.5
SHOCK & Vibration Test
Condition
Standard
Mechanical Shock Test
1500G, 0.5ms, 3 axes
IEC 60068-2-27
Vibration Test
20G (Peak-to-Peak)
20Hz to 2000Hz (Frequency)
IEC 60068-2-6
Regulations
Compliance
CE, FCC and BSMI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com