Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAMA5D36A-CU Datasheet(PDF) 18 Page - Microchip Technology

Part # ATSAMA5D36A-CU
Description  Gigabit Ethernet Switch Evaluation Board
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSAMA5D36A-CU Datasheet(HTML) 18 Page - Microchip Technology

Back Button ATSAMA5D36A-CU Datasheet HTML 14Page - Microchip Technology ATSAMA5D36A-CU Datasheet HTML 15Page - Microchip Technology ATSAMA5D36A-CU Datasheet HTML 16Page - Microchip Technology ATSAMA5D36A-CU Datasheet HTML 17Page - Microchip Technology ATSAMA5D36A-CU Datasheet HTML 18Page - Microchip Technology ATSAMA5D36A-CU Datasheet HTML 19Page - Microchip Technology ATSAMA5D36A-CU Datasheet HTML 20Page - Microchip Technology ATSAMA5D36A-CU Datasheet HTML 21Page - Microchip Technology ATSAMA5D36A-CU Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
EVB-KSZ9477 Evaluation Board User’s Guide
DS50002594A-page 18
 2017 Microchip Technology Inc.
2.4.3
SPI and I2C
The MPU can control the KSZ9477 via the SPI interface or an external device such as,
Totalphase Aardvark. The Table 2-4 below explains the jumper settings.
2.4.4
LED Status
The table Table 2-5 shows the LED status indication.
J11
JTAG
JTAG interface to pro-
gram and debug the
MPU, 10X2 header
No jumpers
J22
I/O Connector #1
GPIO for the MPU
No jumpers
J9
LCD connector
LCD connector for the
MPU
No jumpers. Refer to SAMA5D3
Xplained User Guide for details.
TABLE 2-4:
SPI/I2C HEADER
Mode
J18 (5X2 header)
J19 (4X2 header)
SPI from Atmel MCU
All open
Install all jumpers
SPI from Aardvark or
Cheetah cable
Connect Aardvark or Cheetah cable
All open
SPI from Aardvark
I2C/SPI host adapter or
Cheetah SPI host adapter
Connect Aardvark
All open
TABLE 2-3:
MULTI-PIN HEADERS
Jumper
Label
Description
Configuration
Note: Both the adapters are available on MicrochipDirect.com web site to pur-
chase. SPI from Aardvark I2C/SPI (part number TTP100005) or Cheetah
SPI host adapter (part number TTP100004).
TABLE 2-5:
STATUS LEDS
Item
LED Diode
Comments
1.
D1 (Green)
SFP Signal present
2.
D2 (Green)
3.3V Power indication
3.
D4 (Blue)
SPI Active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com