Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAMA5D36A-CU Datasheet(PDF) 33 Page - Microchip Technology

Part # ATSAMA5D36A-CU
Description  Gigabit Ethernet Switch Evaluation Board
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSAMA5D36A-CU Datasheet(HTML) 33 Page - Microchip Technology

Back Button ATSAMA5D36A-CU Datasheet HTML 28Page - Microchip Technology ATSAMA5D36A-CU Datasheet HTML 29Page - Microchip Technology ATSAMA5D36A-CU Datasheet HTML 30Page - Microchip Technology ATSAMA5D36A-CU Datasheet HTML 31Page - Microchip Technology ATSAMA5D36A-CU Datasheet HTML 32Page - Microchip Technology ATSAMA5D36A-CU Datasheet HTML 33Page - Microchip Technology ATSAMA5D36A-CU Datasheet HTML 34Page - Microchip Technology ATSAMA5D36A-CU Datasheet HTML 35Page - Microchip Technology ATSAMA5D36A-CU Datasheet HTML 36Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
22
5
J1, J2, J3, J4, J5
CON MODULAR RJ45 MAGJACK TH R/A
YES
Amphenol Commercial
Products
RJMG2012211A0FR
23
3
J6, J13, J15
CON HDR-2.54 MALE 1x2 GOLD 5.84MH TH VERT
YES
Hdr
Hdr-1x36 (FCI, 68000-236HL)
24
1
J7
HDR 3POS .100" SGL GOLD
YES
Hdr
Hdr-1x36 (FCI, 68000-236HL)
25
1
J8
CONN PWR JACK 2.5X5.5MM HIGH CUR
YES
CUI Inc.
PJ-002AH
26
1
J9
CON FPC 687 0.5MM 50P FEMALE SMD R/A
YES
WURTH
68715014022
27
2
J10, J21
CON HDR-2.54 MALE 1x6 GOLD 5.84MH TH VERT
YES
Hdr
Hdr-1x36 (FCI, 68000-236HL)
28
1
J11
HDR 20POS .100" DUAL GOLD
YES
Hdr
Make from Hdr-2x36 (FCI,
67996-272HLF)
29
1
J12
MICRO_USB-AB
YES
JAE Electronics
DX4R205JJAR1800
30
2
J16, J19
CON HDR-2.54 Male 2x3 Gold 5.84MH TH VERT
YES
Hdr
Make from Hdr-2x36 (FCI,
67996-272HLF)
31
1
J18
Header, 5-Pin, Dual row
YES
Hdr
Make from Hdr-2x36 (FCI,
67996-272HLF)
32
1
J20
CON SFP 136 0.80MM 20P Female SMD R/A
YES
TE Connectivity AMP
Connectors
1367073-1
33
1
J22
HDR 16POS .100" DUAL GOLD
YES
Hdr
Make from Hdr-2x36 (FCI,
67996-272HLF)
34
1
L1
INDUCTOR 6.8uH 9.2A 20% XAL7070-682MEC SMD
YES
Coilcraft
XAL7070-682MEC
35
1
L2
INDUCTOR 1uH 2.1A 30% SMD L3W3H1.5
YES
Taiyo Yuden
NR3015T1R0N
36
4
L3, L4, L5, L6
INDUCTOR 10uH 80mA 10% SMD 0603
YES
Taiyo Yuden
LBMF1608T100K
37
1
Q1
TRANS FET P-CH IRLML6402 -20V -3.7A 1.3W SOT-23-3
YES
International Rectifier
IRLML6402TRPBF
38
11
R1, R2, R3, R4, R5, R6, R7, R8, R9, R15,
R120
RES TKF 330R 5% 1/10W SMD 0603
YES
Panasonic
ERJ-3GEYJ331V
39
20
R10, R14, R18, R24, R28, R30, R75, R76,
R87, R89, R91, R92, R94, R95, R100, R149,
R150, R151, R152, R153
RES TKF 10k 1% 1/10W SMD 0603
YES
Panasonic
ERJ-3EKF1002V
40
12
R11, R36, R47, R48, R66, R68, R69, R99,
R102, R105, R106, R126
RES TKF 0R 1/10W SMD 0603
YES
Panasonic
ERJ-3GSY0R00V
41
5
R13, R16, R107, R146, R147
RES TKF 1k 5% 1/10W SMD 0603
YES
Panasonic
ERJ-3GEYJ102V
42
1
R17
RES TKF 22R 1% 1/10W SMD 0603
YES
Yageo
RC0603FR-0722RL
43
1
R19
RES TKF 102k 1/10W 1% SMD 0603
YES
Stackpole Electronics
Inc
RMCF0603FT102K
44
3
R20, R27, R70
RES TKF 20k 1% 1/10W SMD 0603
YES
Panasonic
ERJ-3EKF2002V
45
1
R21
RES TKF 2.2k 1% 1/10W SMD 0603
YES
Panasonic
ERJ-3EKF2201V
46
1
R22
RES TKF 8.2k 1% 1/10W SMD 0603
YES
Panasonic
ERJ-3EKF8201V
47
1
R23
RES TKF 19.1k 1% 1/10W SMD 0603
YES
Yageo
RC0603FR-0719K1L
TABLE C-1:
BILL OF MATERIALS (CONTINUED)
Item Qty
Reference
Description
Populated
Manufacturer
Manufacturer Part Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com