Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7380 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7380
Description  Differential Inputs, 1 MSPS/500 kSPS, Dual Simultaneous Sampling SAR ADCs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7380 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7380 Datasheet HTML 12Page - Analog Devices AD7380 Datasheet HTML 13Page - Analog Devices AD7380 Datasheet HTML 14Page - Analog Devices AD7380 Datasheet HTML 15Page - Analog Devices AD7380 Datasheet HTML 16Page - Analog Devices AD7380 Datasheet HTML 17Page - Analog Devices AD7380 Datasheet HTML 18Page - Analog Devices AD7380 Datasheet HTML 19Page - Analog Devices AD7380 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
AD4680/AD4681
Data Sheet
Rev. 0 | Page 16 of 29
APPLICATIONS INFORMATION
Figure 34 shows an example of a typical application circuit for
the AD4680/AD4681. Decouple the VCC, VLOGIC, REGCAP, and
REFIO pins with suitable decoupling capacitors as shown.
The exposed pad is a ground reference point for circuitry on
the device and must be connected to the board ground.
A differential RC filter must be placed on the analog inputs to
ensure optimal performance is achieved. On a typical application,
it is recommended that resistance (R) = 33 Ω, C1 = 68 pF, and
C2 = 330 pF.
The performance of the AD4680/AD4681devices may be
impacted by noise on the digital interface. This impact depends
on the on-board layout and design. Keep a minimal distance
between the digital line and the digital interface, or place a 100 Ω
resistor in series and close to the SDOA pin and SDOB/ALERT
pin to reduce noise from the digital interface coupling of the
AD4680/AD4681.
The two differential channels of the AD4680/AD4681 can
accept an input voltage range from 0 V to VREF, and have a wide
common-mode range that allows the conversion of a variety of
signals. These analog input pins can easily be driven with an
amplifier. Table 9 lists the recommended driver amplifiers that
best fit and add value to the application.
The AD4680 and the AD4681 have a buffered internal 2.5 V
reference that can be accessed via the REFIO pin. The buffered
internal 2.5V reference must use an external buffer like the
ADA4807-2, when connecting it to the external circuitry. Both
devices have an option to use an ultralow noise, high accuracy
voltage reference as an external voltage source, ranging from
2.5 V to 3.3 V, such as the ADR4533 and ADR4525.
POWER SUPPLY
The typical application circuit in Figure 34 can be powered by
a single 5 V (V+) voltage source that supplies the entire signal
chain. The 5 V supply can come from a low noise, CMOS, low
dropout (LDO) regulator (ADP7105). The driver amplifier
supply is supplied by the 5 V (V+) and −2.5 V (V−) derived
from the inverter (ADM660), which then converts the +5 V to
−5 V, then to the ADP7182 low noise voltage regulator to output
the −2.5 V. The two independent supplies of the AD4680/
AD4681, VCC and VLOGIC, that supply the analog circuitry and
digital interface, respectively, can be supplied by a low
quiescent current LDO regulator such as the ADP166. The
ADP166 is a suitable supply with a fixed output voltage range
from 1.2 V to 3.3 V for typical VCC and VLOGIC levels. Decouple
both the VCC supply and the VLOGIC supply separately with a 1 μF
capacitor. Additionally, an internal LDO regulator supplies the
AD4680/AD4681. The on-chip regulator provides a 1.9 V supply
for internal use on the device only. Decouple the REGCAP pin
with a 1 μF capacitor connected to GND.
Power-Up
The AD4680/AD4681 are not easily damaged by power supply
sequencing. VCC and VLOGIC can be applied in any sequence. An
external reference must be applied after VCC and VLOGIC are
applied.
The AD4680/AD4681 require a tPOWERUP time from applying
VCC and VLOGIC until the ADC conversion results are stable.
Applying CS pulses or interfacing with the AD4680/AD4681
prior to the setup time elapsing does not have a negative impact
on ADC operation. Conversion results are not guaranteed to
meet data sheet specifications during this time, however, and
must be ignored.
Table 9. Signal Chain Components
Companion Devices
Part Name
Description
Typical Application
ADC Driver
ADA4896-2
1 nV/√Hz, rail-to-rail output amplifier
Precision, low noise, high frequency
ADA4940-2
Ultralow power, full differential, low distortion
Precision, low density, low power
ADA4807-2
1 mA, rail-to-rail output amplifier
Precision, low power, high frequency
LTC6227
Low distortion rail-to-rail output op amp
Precision, low noise, high frequency
External Reference
ADR4525
Ultralow noise, high accuracy voltage reference
2.5 V reference voltage
ADR4533
Ultralow noise, high accuracy voltage reference
3.3 V reference voltage
LDO Regulator
ADP166
Low quiescent, 150 mA, LDO regulator
3.0 V to 3.6 V supply for VCC and VLOGIC
ADP7104
Low noise, CMOS LDO regulator
5 V supply for driver amplifier
ADP7182
Low noise line regulator
−2.5 V supply for driver amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com