Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7380 Datasheet(PDF) 29 Page - Analog Devices

Part # AD7380
Description  Differential Inputs, 1 MSPS/500 kSPS, Dual Simultaneous Sampling SAR ADCs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7380 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD7380 Datasheet HTML 21Page - Analog Devices AD7380 Datasheet HTML 22Page - Analog Devices AD7380 Datasheet HTML 23Page - Analog Devices AD7380 Datasheet HTML 24Page - Analog Devices AD7380 Datasheet HTML 25Page - Analog Devices AD7380 Datasheet HTML 26Page - Analog Devices AD7380 Datasheet HTML 27Page - Analog Devices AD7380 Datasheet HTML 28Page - Analog Devices AD7380 Datasheet HTML 29Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 29 page
background image
Data Sheet
AD4680/AD4681
Rev. 0 | Page 29 of 29
OUTLINE DIMENSIONS
3.10
3.00 SQ
2.90
0.30
0.25
0.18
*1.20
1.10 SQ
1.00
1
0.50
BSC
BOTTOM VIEW
TOP VIEW
16
5
8
9
12
13
4
0.45
0.40
0.35
0.05 MAX
0.02 NOM
0.15 REF
0.55 REF
0.45
COPLANARITY
0.08
0.80
0.75
0.70
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
EXPOSED
PAD
*COMPLIANT TO JEDEC STANDARDS MO-220-WEED-4
WITH EXCEPTION TO THE EXPOSED PAD
SEATING
PLANE
PIN 1
INDICATOR
AREA
DETAIL A
(JEDEC 95)
ED
P IN 1
IN D IC ATO R AR E A OP T IO N S
(SEE DETAIL A)
Figure 46. 16-Lead Lead Frame Chip Scale Package [LFCSP]
3 mm × 3 mm Body and 0.75 mm Package Height
(CP-16-45)
Dimensions shown in millimeters
ORDERING GUIDE
Model1, 2
Resolution
Throughput
Rate
Temperature Range
Package Description
Package
Option
Marking
Code
AD4680BCPZ-RL
16-Bit
1 MSPS
−40°C to +125°C
16-Lead LFCSP
CP-16-45
CAK
AD4680BCPZ-RL7
16-Bit
1 MSPS
−40°C to +125°C
16-Lead LFCSP
CP-16-45
CAK
AD4681BCPZ-RL
16-Bit
500 kSPS
−40°C to +125°C
16-Lead LFCSP
CP-16-45
CAM
AD4681BCPZ-RL7
16-Bit
500 kSPS
−40°C to +125°C
16-Lead LFCSP
CP-16-45
CAM
EVAL-AD7380FMCZ
AD7380 Evaluation Board
1 Z = RoHS Compliant Part.
2 Use the EVAL-AD7380FMCZ to evaluate the AD4680 and AD4681. The EVAL-AD7380FMCZ is compatible with the EVAL-SDP-CH1Z high speed controller board.
©2020 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D23409-10/20(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com