Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADBMS1818ASWZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADBMS1818ASWZ
Description  18-Cell Battery Monitor with Daisy Chain Interface
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS1818ASWZ Datasheet(HTML) 3 Page - Analog Devices

  ADBMS1818ASWZ Datasheet HTML 1Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 2Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 3Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 4Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 5Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 6Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 7Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 8Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 89 page
background image
Data Sheet
ADBMS1818
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 89
Specifications are at TA = 25°C, unless otherwise noted. The test conditions are V+ = 59.4 V and VREG = 5.0 V, unless otherwise noted. The
ISOMD pin is tied to the Vpin, unless otherwise noted.
ADC DC SPECIFICATIONS
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Measurement Resolution
0.1
mV/Bit
ADC Offset Voltage1
0.1
mV
ADC Gain Error 1
0.01
%
TME in Normal Mode
C(n) to C(n–1), GPIO(n) to V= 0
±0.2
mV
C(n) to C(n–1) = 2.0
±2.6
mV
C(n) to C(n–1), GPIO(n) to V= 2.0, apply over the full specified temperature
range
±2.8
mV
C(n) to C(n–1) = 3.3
±3.0
mV
C(n) to C(n–1), GPIO(n) to V= 3.3, apply over the full specified temperature
range
±4.0
mV
C(n) to C(n–1) = 4.2
±3.8
mV
C(n) to C(n–1), GPIO(n) to V= 4.2, apply over the full specified temperature
range
±4.8
mV
C(n) to C(n–1), GPIO(n) to V= 5.0
±1
mV
Sum of all cells, apply over the full specified temperature range
±0.05
±0.35
%
Internal temperature, T = maximum specified temperature
±5
°C
VREG pin, apply over the full specified temperature range
–1
–0.15
0
%
VREF2 pin, apply over the full specified temperature range
–0.05
0.05
0.20
%
Digital supply voltage, VREGD, apply over the full specified temperature range
–0.5
0.5
1.5
%
TME in Filtered Mode
C(n) to C(n–1), GPIO(n) to V= 0
±0.1
mV
C(n) to C(n–1) = 2.0
±1.6
mV
C(n) to C(n–1), GPIO(n) to V= 2.0, apply over the full specified temperature
range
±1.8
mV
C(n) to C(n–1) = 3.3
±2.2
mV
C(n) to C(n–1), GPIO(n) to V= 3.3, apply over the full specified temperature
range
±3.0
mV
C(n) to C(n–1) = 4.2
±2.8
mV
C(n) to C(n–1), GPIO(n) to V= 4.2, apply over the full specified temperature
range
±3.8
mV
C(n) to C(n–1), GPIO(n) to V= 5.0
±1
mV
Sum of all cells, apply over the full specified temperature range
±0.05
±0.35
%
Internal temperature, T = maximum specified temperature
±5
°C
VREG pin, apply over the full specified temperature range
–1
–0.15
0
%
VREF2 pin, apply over the full specified temperature range
–0.05
0.05
0.20
%
Digital supply voltage, VREGD, apply over the full specified temperature range
–0.5
0.8
1.5
%
TME in Fast Mode
C(n) to C(n–1), GPIO(n) to V= 0
±2
mV
C(n) to C(n–1), GPIO(n) to V= 2.0, apply over the full specified temperature
range
±6.5
mV
C(n) to C(n–1), GPIO(n) to V= 3.3, apply over the full specified temperature
range
±8.5
mV
C(n) to C(n–1), GPIO(n) to V= 4.2, apply over the full specified temperature
range
±12.5
mV
C(n) to C(n–1), GPIO(n) to V= 5.0
±10
mV
Sum of all cells, apply over the full specified temperature range
±0.15
±0.5
%
Internal temperature, T = maximum specified temperature
±5
°C
VREG pin, apply over the full specified temperature range
–1.5
–0.15
1
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com