| Electronic Components Datasheet Search |
|
ADBMS1818ASWZ Datasheet(PDF) 49 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADBMS1818ASWZ Datasheet(HTML) 49 Page - Analog Devices |
|
49 / 89 page ![]() Data Sheet ADBMS1818 THEORY OF OPERATION analog.com Rev. 0 | 49 of 89 Table 41. Port B (Master) isoSPI Port Function Communication Event (Port A SPI) Transmitted Pulse (Port B isoSPI) CSB Rising Long +1 CSB Falling Long –1 SCK Rising Edge, SDI = 1 Short +1 SCK Rising Edge, SDI = 0 Short –1 Operation with Port A Configured for isoSPI On the other side of the isolation barrier (that is, at the other end of the cable), the 2nd ADBMS1818 has ISOMD = VREG so that its Port A is configured for isoSPI. The slave isoSPI port (Port A or Port B) receives each transmitted pulse and reconstructs the SPI signals internally, as shown in Table 42. In addition, during a read command this port can transmit return data pulses. Table 42. Port A (Slave) isoSPI Port Function Received Pulse (Port A isoSPI) Internal SPI Port Action Return Pulse Long +1 Drive CSB high None Long –1 Drive CSB low Short +1 1. Set SDI = 1 Short –1 pulse if reading a 0 bit Table 42. Port A (Slave) isoSPI Port Function Received Pulse (Port A isoSPI) Internal SPI Port Action Return Pulse 2. Pulse SCK Short –1 1. Set SDI = 0 (No return pulse if not in read mode or if reading a 1 bit) 2. Pulse SCK The slave isoSPI port never transmits long (CSB) pulses. Further- more, a slave isoSPI port only transmits short –1 pulses, never a +1 pulse. The master port recognizes a null response as a Logic 1. Reversible isoSPI When the ADBMS1818 is operating with Port A configured for isoSPI, communication can be initiated from either Port A or Port B. In other words, ADBMS1818 can configure either Port A or Port B as a slave or master, depending on the direction of communication. The reversible isoSPI feature permits communication from both directions in a stack of daisy-chained devices. See Figure 84 for an example schematic. Figure 85 shows the operation of the reversible isoSPI. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |