Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28374DPTP Datasheet(PDF) 7 Page - Texas Instruments

Part # TMS320F28374DPTP
Description  TMS320F2837xD Dual-Core Microcontrollers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28374DPTP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS320F28374DPTP Datasheet HTML 3Page - Texas Instruments TMS320F28374DPTP Datasheet HTML 4Page - Texas Instruments TMS320F28374DPTP Datasheet HTML 5Page - Texas Instruments TMS320F28374DPTP Datasheet HTML 6Page - Texas Instruments TMS320F28374DPTP Datasheet HTML 7Page - Texas Instruments TMS320F28374DPTP Datasheet HTML 8Page - Texas Instruments TMS320F28374DPTP Datasheet HTML 9Page - Texas Instruments TMS320F28374DPTP Datasheet HTML 10Page - Texas Instruments TMS320F28374DPTP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 226 page
background image
6 Device Comparison
Table 6-1 lists the features of each 2837xD device.
Table 6-1. Device Comparison
FEATURE(1)
28379D
28379D-Q1
28378D
28377D
28377D-Q1
28376D
28375D
28374D
Package Type
(ZWT is an nFBGA package.
PTP is an HLQFP package.
PZP is an HTQFP package.)
337-Ball
ZWT
176-Pin
PTP
176-Pin
PTP
337-Ball
ZWT
176-Pin
PTP
337-Ball
ZWT
176-Pin
PTP
337-Ball
ZWT
176-Pin
PTP
100-Pin
PZP
337-Ball
ZWT
176-Pin
PTP
Processor and Accelerators
C28x
Number
2
Frequency (MHz)
200
Floating-Point Unit (FPU)
Yes
VCU-II
Yes
TMU – Type 0
Yes
CLA – Type 1
Number
2
Frequency (MHz)
200
6-Channel DMA – Type 0
2
Memory
Flash (16-bit words)
1MB (512KW)
[512KB (256KW)
per CPU]
1MB (512KW)
[512KB (256KW)
per CPU]
1MB (512KW)
[512KB (256KW)
per CPU]
512KB (256KW)
[256KB (128KW)
per CPU]
1MB (512KW)
[512KB (256KW) per CPU]
512KB (256KW)
[256KB (128KW)
per CPU]
RAM (16-bit
words)
Dedicated and Local Shared
RAM
72KB (36KW)
[36KB (18KW) per CPU]
Global Shared RAM
128KB (64KW)
128KB (64KW)
128KB (64KW)
96KB (48KW)
128KB (64KW)
96KB (48KW)
Message RAM
4KB (2KW)
[2KB (1KW) per CPU]
Total RAM
204KB (102KW)
204KB (102KW)
204KB (102KW)
172KB (86KW)
204KB (102KW)
172KB (86KW)
Code security for on-chip flash, RAM, and OTP
blocks
Yes
Boot ROM
Yes
System
Configurable Logic Block (CLB)
4 tiles
No
32-bit CPU timers
6 (3 per CPU)
Watchdog timers
2 (1 per CPU)
Nonmaskable Interrupt Watchdog (NMIWD) timers
2 (1 per CPU)
Crystal oscillator/External clock input
1
0-pin internal oscillator
2
I/O pins (shared)
GPIO
169
97
97
169
97
169
97
169
97
41
169
97
External interrupts
5
EMIF
EMIF1 (16-bit or 32-bit)
1
1
–
1
EMIF2 (16-bit)
1
–
–
1
–
1
–
1
–
–
1
–
Analog Peripherals
ADC 16-bit mode
MSPS
1.1
–
1.1
–
Conversion Time (ns)(2)
915
–
915
–
Input pins
24
20
–
24
20
24
20
–
Channels (differential)
12
9
–
12
9
12
9
–
ADC 12-bit mode
MSPS
3.5
Conversion Time (ns)(2)
280
Input pins
24
20
20
24
20
24
20
24
20
14
24
20
Channels (single-ended)
24
20
20
24
20
24
20
24
20
14
24
20
Number of 16-bit or 12-bit ADCs
4
–
4
–
Number of 12-bit only ADCs
–
4
–
4
2
4
Temperature sensor
1
CMPSS (each CMPSS has two comparators and
two internal DACs)
8
8
4
8
Buffered DAC
3
Control Peripherals (3)
eCAP inputs – Type 0
6
www.ti.com
TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D
TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D
TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com