Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28374DPTP Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS320F28374DPTP
Description  TMS320F2837xD Dual-Core Microcontrollers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28374DPTP Datasheet(HTML) 1 Page - Texas Instruments

  TMS320F28374DPTP Datasheet HTML 1Page - Texas Instruments TMS320F28374DPTP Datasheet HTML 2Page - Texas Instruments TMS320F28374DPTP Datasheet HTML 3Page - Texas Instruments TMS320F28374DPTP Datasheet HTML 4Page - Texas Instruments TMS320F28374DPTP Datasheet HTML 5Page - Texas Instruments TMS320F28374DPTP Datasheet HTML 6Page - Texas Instruments TMS320F28374DPTP Datasheet HTML 7Page - Texas Instruments TMS320F28374DPTP Datasheet HTML 8Page - Texas Instruments TMS320F28374DPTP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 226 page
background image
TMS320F2837xD Dual-Core Microcontrollers
1 Features
• Dual-core architecture
– Two TMS320C28x 32-bit CPUs
– 200 MHz
– IEEE 754 single-precision Floating-Point Unit
(FPU)
– Trigonometric Math Unit (TMU)
– Viterbi/Complex Math Unit (VCU-II)
• Two programmable Control Law Accelerators
(CLAs)
– 200 MHz
– IEEE 754 single-precision floating-point
instructions
– Executes code independently of main CPU
• On-chip memory
– 512KB (256KW) or 1MB (512KW) of flash
(ECC-protected)
– 172KB (86KW) or 204KB (102KW) of RAM
(ECC-protected or parity-protected)
– Dual-zone security supporting third-party
development
– Unique identification number
• Clock and system control
– Two internal zero-pin 10-MHz oscillators
– On-chip crystal oscillator
– Windowed watchdog timer module
– Missing clock detection circuitry
• 1.2-V core, 3.3-V I/O design
• System peripherals
– Two External Memory Interfaces (EMIFs) with
ASRAM and SDRAM support
– Dual 6-channel Direct Memory Access (DMA)
controllers
– Up to 169 individually programmable,
multiplexed General-Purpose Input/Output
(GPIO) pins with input filtering
– Expanded Peripheral Interrupt controller (ePIE)
– Multiple Low-Power Mode (LPM) support with
external wakeup
• Communications peripherals
– USB 2.0 (MAC + PHY)
– Support for 12-pin 3.3 V-compatible Universal
Parallel Port (uPP) interface
– Two Controller Area Network (CAN) modules
(pin-bootable)
– Three high-speed (up to 50-MHz) SPI ports
(pin-bootable)
– Two Multichannel Buffered Serial Ports
(McBSPs)
– Four Serial Communications Interfaces (SCI/
UART) (pin-bootable)
– Two I2C interfaces (pin-bootable)
• Analog subsystem
– Up to four Analog-to-Digital Converters (ADCs)
• 16-bit mode
– 1.1 MSPS each (up to 4.4-MSPS system
throughput)
– Differential inputs
– Up to 12 external channels
• 12-bit mode
– 3.5 MSPS each (up to 14-MSPS system
throughput)
– Single-ended inputs
– Up to 24 external channels
• Single Sample-and-Hold (S/H) on each ADC
• Hardware-integrated post-processing of
ADC conversions
– Saturating offset calibration
– Error from setpoint calculation
– High, low, and zero-crossing compare,
with interrupt capability
– Trigger-to-sample delay capture
– Eight windowed comparators with 12-bit Digital-
to-Analog Converter (DAC) references
– Three 12-bit buffered DAC outputs
• Enhanced control peripherals
– 24 Pulse Width Modulator (PWM) channels with
enhanced features
– 16 High-Resolution Pulse Width Modulator
(HRPWM) channels
• High resolution on both A and B channels of
8 PWM modules
• Dead-band support (on both standard and
high resolution)
– Six Enhanced Capture (eCAP) modules
– Three Enhanced Quadrature Encoder Pulse
(eQEP) modules
– Eight Sigma-Delta Filter Module (SDFM) input
channels, 2 parallel filters per channel
• Standard SDFM data filtering
www.ti.com
TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D
TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D
TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D
TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D
TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TMS320F28374DPTP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28374DPTP TI1-TMS320F28374DPTP Datasheet
2Mb / 222P
TMS320F2837xD Dual-Core Delfino??Microcontrollers
TMS320F28374DPTP TI-TMS320F28374DPTP Datasheet
5Mb / 226P
TMS320F2837xD Dual-Core Microcontrollers
TMS320F28374DPTPS TI1-TMS320F28374DPTPS Datasheet
2Mb / 212P
Dual-Core Delfino Microcontrollers
TMS320F28374DPTPS TI1-TMS320F28374DPTPS Datasheet
2Mb / 222P
Dual-Core Delfino Microcontrollers
TMS320F28374DPTPS TI1-TMS320F28374DPTPS Datasheet
2Mb / 222P
TMS320F2837xD Dual-Core Delfino??Microcontrollers
More results

Similar Description - TMS320F28374DPTP

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PXN20PB FREESCALE-PXN20PB Datasheet
119Kb / 23P
32-bit Power Architecture짰 Dual Core Microcontrollers for Industrial Networking
logo
Texas Instruments
TMS320F28377D TI1-TMS320F28377D Datasheet
1Mb / 110P
TMS320F2837XD Dual-Core Delfino Microcontrollers
TMS320F28377D TI1-TMS320F28377D_14 Datasheet
1Mb / 121P
Dual-Core Delfino??Microcontrollers
TMS320F28379D TI1-TMS320F28379D Datasheet
2Mb / 212P
Dual-Core Delfino Microcontrollers
TMS320F28377D-EP TI1-TMS320F28377D-EP Datasheet
2Mb / 206P
Dual-Core Delfino Microcontrollers
TMS320F28377D-EP TI1-TMS320F28377D-EP_18 Datasheet
2Mb / 206P
Dual-Core Delfino Microcontrollers
TMS320F28379D TI1-TMS320F28379D_18 Datasheet
2Mb / 222P
Dual-Core Delfino Microcontrollers
TMS320F28379D TI1-TMS320F28379D_V01 Datasheet
2Mb / 222P
TMS320F2837xD Dual-Core Delfino??Microcontrollers
TMS320F28377D-EP TI-TMS320F28377D-EP_V01 Datasheet
2Mb / 208P
TMS320F28377D-EP Dual-Core Delfino??Microcontrollers
TMS320F28379D TI-TMS320F28379D_V03 Datasheet
5Mb / 226P
TMS320F2837xD Dual-Core Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com