Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F280041PMSR Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # F280041PMSR
Description  TMS320F28004x Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

F280041PMSR Datasheet(HTML) 64 Page - Texas Instruments

Back Button F280041PMSR Datasheet HTML 60Page - Texas Instruments F280041PMSR Datasheet HTML 61Page - Texas Instruments F280041PMSR Datasheet HTML 62Page - Texas Instruments F280041PMSR Datasheet HTML 63Page - Texas Instruments F280041PMSR Datasheet HTML 64Page - Texas Instruments F280041PMSR Datasheet HTML 65Page - Texas Instruments F280041PMSR Datasheet HTML 66Page - Texas Instruments F280041PMSR Datasheet HTML 67Page - Texas Instruments F280041PMSR Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 230 page
background image
7.9 System
7.9.1 Power Management
TMS320F28004x MCUs can be configured to operate with one of three options to supply the required 1.2 V to
the core (VDD):
• An external supply (not available for 56-pin RSH package configurations)
• Internal 1.2-V LDO Voltage Regulator (VREG)
• Internal 1.2-V Switching Regulator (DC-DC)
The system requirements will dictate which supply option best suits the application.
Note
The same system voltage regulator must be used to drive both VDDIO and VDDIO_SW.
7.9.1.1 Internal 1.2-V LDO Voltage Regulator (VREG)
The internal VREG is supplied by VDDIO and generates the 1.2 V required to power the VDD pins. Enable this
functionality by pulling the VREGENZ pin low to VSS. The smaller pin-count packages may not include the
VREGENZ pin; therefore, the internal VREG is always enabled and, as such, is the required supply source for
the VDD pins. Review the description of VREGENZ in Table 6-5 to determine package configuration. Although
the internal VREG eliminates the need to use an external power supply for VDD, decoupling capacitors are
required on each VDD pin for VREG stability. There are two recommended capacitor configurations (described in
the list that follows) for the VDD rail when using the internal VREG. The signal description for VDD can be found
in Table 6-4.
• Configuration 1: Place a small decoupling capacitor to VSS on each pin as close to the device as possible. In
addition, a bulk capacitance must be placed on the VDD node to VSS (one 20-µF capacitor or two parallel
10-µF capacitors).
• Configuration 2: Distribute the total capacitance to VSS evenly across all VDD pins (total capacitance divided
by four VDD pins).
7.9.1.2 Internal 1.2-V Switching Regulator (DC-DC)
The internal DC-DC regulator offers increased efficiency over the LDO for converting 3.3 V to 1.2 V. The internal
DC-DC regulator is supplied by the VDDIO_SW pin and generates the 1.2 V required to power the VDD pins. To
use the internal switching regulator, the core domain must power up initially using the internal LDO VREG supply
(tie the VREGENZ pin low to VSS) and then transition to the DC-DC regulator through application software by
setting the DCDCEN bit in the DCDCCTL register. VREGENZ must still be kept low after transition since it
controls both the DC-DC and LDO. Tying VREGENZ high disables both the DC-DC and LDO. The DC-DC
regulator also requires external components (inductor, input capacitance, and output capacitance). The output of
internal DC-DC regulator is not internally fed to the VDD rail and requires an external connection. Figure 7-6
shows the schematic implementation.
CVDDIO_SW
VDDIO_SW
VSS_SW
VSW
VFBSW
VIN
VDD
VSS_SW
CVDD_DECAP
(A)
VSS
VSS_SW
VSS
CVDD
VSS
F28004x
LVSW
VDD
Copyright © 2017, Texas Instruments Incorporated
A. One decoupling capacitor per each of the four VDD pins
Figure 7-6. DC-DC Circuit Schematic
TMS320F280049, TMS320F280049C, TMS320F280048, TMS320F280048C, TMS320F280045,
TMS320F280041, TMS320F280041C, TMS320F280040, TMS320F280040C
SPRS945F – JANUARY 2017 – REVISED FEBRUARY 2021
www.ti.com
64
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F280049 TMS320F280049C TMS320F280048 TMS320F280048C
TMS320F280045 TMS320F280041 TMS320F280041C TMS320F280040 TMS320F280040C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com