Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F779I-EVAL Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32F779I-EVAL
Description  Evaluation board with STM32F779NI MCU
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F779I-EVAL Datasheet(HTML) 1 Page - STMicroelectronics

  STM32F779I-EVAL Datasheet HTML 1Page - STMicroelectronics STM32F779I-EVAL Datasheet HTML 2Page - STMicroelectronics STM32F779I-EVAL Datasheet HTML 3Page - STMicroelectronics STM32F779I-EVAL Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For further information contact your local STMicroelectronics sales office.
April 2016
DocID029091 Rev 1
1/4
STM32F779I-EVAL
Evaluation board with STM32F779NI MCU
Data brief
Features
 STM32F779NI microcontroller with 2-Mbyte
Flash memory and 512+16+4-Kbyte RAM in
BGA216 package
 Six 5 V power supply options:
– Power jack
– ST-LINK/V2-1 USB Micro-B connector
– User USB HS connector
– User USB FS1 connector
– User USB FS2 connector
– Daughterboard
 SAI audio DAC, stereo audio jack that supports
headset with microphone
 Stereo digital microphone, audio jack
connector used to connect external speakers
 2-Gbyte (or more) SDIO interface microSD
card
 Four I2C interfaces
 RS-232 communication
 JTAG/SWD and ETM trace debug support, 
ST-LINK/V2-1 embedded
 IEEE-802.3-2002 compliant Ethernet
connector
 Camera module
 8Mx32bit SDRAM, 1Mx16bit SRAM and
8Mx16bit NOR Flash
 512-Mbit Quad-SPI NOR Flash
 2Gx16bit NAND Flash interface to connect
NAND Flash module
 4" DSI interface LCD with capacitive touch
panel
 Joystick with 4-direction control and selector
 Reset, Wake Up/Tamper or key button
 4-color user LEDs
 Extension and memory connectors for
daughterboard or wrapping board
1. Picture not contractual.
 USB OTG HS and FS with Micro-AB
connectors
 RTC with backup battery
 CAN2.0A/B compliant connection
 Potentiometer
 Motor control connector
www.st.com


Similar Part No. - STM32F779I-EVAL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F779IGH6 STMICROELECTRONICS-STM32F779IGH6 Datasheet
3Mb / 255P
Dual mode Quad-SPI
22-Dec-2016
STM32F779IGH7 STMICROELECTRONICS-STM32F779IGH7 Datasheet
3Mb / 255P
Dual mode Quad-SPI
22-Dec-2016
STM32F779IGK6 STMICROELECTRONICS-STM32F779IGK6 Datasheet
3Mb / 255P
Dual mode Quad-SPI
22-Dec-2016
STM32F779IGK7 STMICROELECTRONICS-STM32F779IGK7 Datasheet
3Mb / 255P
Dual mode Quad-SPI
22-Dec-2016
STM32F779IGT6 STMICROELECTRONICS-STM32F779IGT6 Datasheet
3Mb / 255P
Dual mode Quad-SPI
22-Dec-2016
More results

Similar Description - STM32F779I-EVAL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-SPIN3201 STMICROELECTRONICS-STEVAL-SPIN3201 Datasheet
235Kb / 3P
Advanced BLDC controller with embedded STM32 MCU evaluation board
27-Oct-2016
STM3241G-EVAL STMICROELECTRONICS-STM3241G-EVAL Datasheet
211Kb / 4P
Evaluation board with STM32F417IGH6 MCU
December 2016 Rev 2
STM32072B-EVAL STMICROELECTRONICS-STM32072B-EVAL Datasheet
293Kb / 3P
Evaluation board for STM32 F0 series with STM32F072VB MCU
January 2014 Rev 1
STM32439I-EVAL STMICROELECTRONICS-STM32439I-EVAL Datasheet
258Kb / 3P
Evaluation board with STM32F439NI MCU
February 2015 Rev 2
STM32756G-EVAL STMICROELECTRONICS-STM32756G-EVAL Datasheet
257Kb / 4P
Evaluation board with STM32F756NG MCU
April 2015 Rev 1
UM1817 STMICROELECTRONICS-UM1817 Datasheet
1Mb / 58P
Evaluation board with STM32F091VC MCU
20-Jun-2016
UM1871 STMICROELECTRONICS-UM1871 Datasheet
1Mb / 64P
Evaluation board with STM32F446ZE MCU
27-Oct-2015
STM32F769I-EVAL STMICROELECTRONICS-STM32F769I-EVAL Datasheet
309Kb / 4P
Evaluation board with STM32F769NI MCU
20-Apr-2016
STM32G474E-EVAL STMICROELECTRONICS-STM32G474E-EVAL Datasheet
6Mb / 6P
Evaluation board with STM32G4xxQE MCU
29-Jan-2019
STM32L552E-EV STMICROELECTRONICS-STM32L552E-EV Datasheet
2Mb / 6P
Evaluation board with STM32L552ZE MCU
March 2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com