Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F779I-EVAL Datasheet(PDF) 2 Page - STMicroelectronics

Part # STM32F779I-EVAL
Description  Evaluation board with STM32F779NI MCU
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F779I-EVAL Datasheet(HTML) 2 Page - STMicroelectronics

  STM32F779I-EVAL Datasheet HTML 1Page - STMicroelectronics STM32F779I-EVAL Datasheet HTML 2Page - STMicroelectronics STM32F779I-EVAL Datasheet HTML 3Page - STMicroelectronics STM32F779I-EVAL Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Description
STM32F779I-EVAL
2/4
DocID029091 Rev 1
1
Description
The STM32F779I-EVAL evaluation board is a complete demonstration and development
platform for STMicroelectronics ARM® Cortex®-M7 core-based STM32F779NI
microcontrollers. It features the following interfaces: four I2Cs, six SPIs with three
multiplexed full-duplex I2S, SDIO, two SAIs, 8- to 14-bit digital camera module, Ethernet
MAC, FMC and Quad-SPI. It also features four USART and four UART peripherals, two
CAN bus, three 12-bit ADC converters, two 12-bit DAC channels, internal 256+4-Kbyte
SRAM and 2-Mbyte Flash memory, USB HS OTG and USB FS OTG peripherals, JTAG
debugging support. This evaluation board can be used as a reference design for user
application development but it is not considered as a final application.
The full range of hardware features on the board helps the user to evaluate all the
peripherals (USB OTG HS, USB OTG FS, Ethernet, motor control, CAN, microSD card,
USART, audio DAC and ADC, digital microphone, CAN, SRAM, NOR Flash, SDRAM, Quad
SPI Flash, 4" DSI LCD with capacitive touch panel, etc.) and to develop applications.
Extension headers make it possible to easily connect a daughterboard for a specific
application.
The integrated ST-LINK/V2-1 provides an embedded in-circuit debugger and programmer
for the STM32.
2
Ordering information
To order the evaluation board with the STM32F779NI MCU, use the order code
STM32F779I-EVAL.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com