Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4331 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC4331
Description  I2C to CAN-Physical Transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4331 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC4331 Datasheet HTML 9Page - Analog Devices LTC4331 Datasheet HTML 10Page - Analog Devices LTC4331 Datasheet HTML 11Page - Analog Devices LTC4331 Datasheet HTML 12Page - Analog Devices LTC4331 Datasheet HTML 13Page - Analog Devices LTC4331 Datasheet HTML 14Page - Analog Devices LTC4331 Datasheet HTML 15Page - Analog Devices LTC4331 Datasheet HTML 16Page - Analog Devices LTC4331 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LT3960
13
Rev. A
For more information www.analog.com
Data Transmission Detail
The timing diagram in Figure 8 shows how a byte of data
is sent by the I2C master and acknowledged by the I2C
slave in the single-master single-slave system described
in Figure 7. The I2C master issues a start command to
initiate a communication frame. The LT3960 connected to
the master drives the CANSCL and CANSDA buses dom-
inant in response to the change in state on the SCL and
SDA pins without interpretation or delay. The LT3960 con-
nected to the I2C slave receives the dominant signals on
the CANSCL and CANSDA buses and drives the slave SCL
and SDA pins dominant without interpretation or delay.
The result on the slave I2C bus is an I2C Start command
nearly identical to that generated by the master, delayed by
propagation delays of the master LT3960, twisted pairs,
and slave LT3960.
As additional clock and data edges are written by the I2C
master, they too are recreated, first on the CANSCL and
CANSDA buses and then on the slave I2C bus. Once the
entire byte of data is written on the slave I2C bus, the I2C
slave device issues an ACK, pulling down SDA to acknowl-
edge receipt of a valid byte. The slave LT3960 recognizes
that a slave I2C device is driving the SDA line dominant
and switches from receiving to transmitting to drive the
CANSDA bus dominant. The master LT3960 then receives
the ACK on the CANSDA bus and pulls the master SDA
low, communicating the ACK to the master.
Note that clock data is always transmitted from master to
slave, but the LT3960 dynamically switches the direction
of SDA communication based primarily on the time of
arrival of dominant signals on its inputs.
Bidirectional Arbitration of SDA
The LT3960 facilitates bidirectional SDA communication
between master and slave I2C devices by dynamically
controlling the direction of traffic between SDA and the
CANSDA bus. The primary factor determining the direction
of communication is the time of arrival of dominant sig-
nals on SDA and CANSDA. The first of SDA and CANSDA
to be asserted dominant by an external device will cause
the LT3960 to drive the other dominant, establishing the
direction of communication until it is released and returns
to a recessive state. The transmitter which opposes the
established direction of communication will be blocked
until it can be safely re-enabled without locking up a bus
or misinterpreting the direction of communication. To
fully describe the method of arbitration, communication
in each direction is described in detail below.
In the default state, SDA and CANSDA are in a recessive
state and no direction of communication is set. If SDA is
asserted dominant (low) by an external I2C device from
a default state, the LT3960 will drive CANSDA dominant
and the LT3960’s receiver on CANSDA is blocked from
driving SDA. When the SDA line is eventually released by
the external I2C device and returns to a recessive state,
the LT3960 stops driving the CANSDA bus dominant.
After allowing the CANSDA bus sufficient time to return
to a passive state as required by the CAN physical layer
specifications, the LT3960 reopens the possibility of bidi-
rectional traffic and waits for a dominant signal on SDA or
CANSDA to once again set a direction for communication.
If, from the default state, CANSDA is asserted dominant
by another LT3960 on the bus while SDA remains reces-
sive (high), the LT3960 will drive SDA dominant (low)
and the CAN transmitter is blocked from driving CANSDA
based on its input while CANSDA is held dominant. When
the CANSDA bus returns to a recessive state, the LT3960
stops driving the other dominant. When it is safe to do so
without causing glitches or latch up, the LT3960 reopens
the possibility of bidirectional traffic and waits for a dom-
inant signal on SDA or CANSDA to once again set a direc-
tion for communication.
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com